Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 210 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 210 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 206Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 207Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 208Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 209Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 210Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 211Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 212Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 213Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 214Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 275 page
background image
MT9072
Data Sheet
210
Zarlink Semiconductor Inc.
17.2.8
Transmit CAS (ABCD) Data Registers (Y51 - Y6F) Bit Functions
Table 190 describes the bit functions of each (30 registers in total, one register for each PCM 30 channel) of the
Transmit CAS Data Registers in the MT9072. Each register is repeated for each of the 8 framers. Framer 0 is
addressed with Y=0, Framer 1 with Y=1, Framer 2 with Y=2 and so on up to Framer 7 with Y=7 (where Y represents
the 4 most significant address bits (MSB) A11-A8). In addition, a simultaneous write to all 8 framers is possible by
setting the MSB address to Y=8 (1000). Note that if corresponding MPST bit in the per timeslot control is not set
this memory will be constantly updated with CSTi values. Hence to use this registers for any channels the
corresponding MPST bit has to be set.
A (0), (1) or (#) in the “Name” column of these tables indicates the state of the data bits after a reset (RESET, RSTC
or RST). The (#) indicates that a (0) or (1) is possible.
2T2M
(0)
Timer 2 Mask. This is the mask bit for the T2I interrupt status bit in the National (CAS,
National, CRC-4 Local and Timers) Interrupt Status Register (address Y36). If this mask bit is
one, the corresponding interrupt bit will remain inactive. If this mask bit is zero, the
corresponding interrupt bit will function normally.
1T1M
(0)
Timer 1 Mask. This is the mask bit for the T1I interrupt status bit in the National (CAS,
National, CRC-4 Local and Timers) Interrupt Status Register (address Y36). If this mask bit is
one, the corresponding interrupt bit will remain inactive. If this mask bit is zero, the
corresponding interrupt bit will function normally.
0
ONESECM
(0)
One Second Timer Status Mask. This is the mask bit for the ONESECI interrupt status bit in
the National (CAS, National, CRC-4 Local and Timers) Interrupt Status Register (address
Y36). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
Bit
Name
Functional Description
15-4
(#### #### ####)
not used.
3A(n)
(#)
Transmit Channel Associated Signaling (CAS) Signaling Bits for Channel 1 to
30.
Bits for n=1 to 15 correspond to channel 1 to 15 and are transmitted on the
PCM30 link in timeslot 16 in bit positions one to four in frame n.
Bits for n=17 to 31 correspond to channel 16 to 30 and are transmitted on the
PCM30 link in timeslot 16 in bit positions five to eight in frame n -16.
The corresponding CASS(n) bit must be one for this to function.
2B(n)
(#)
1C(n)
(#)
0D(n)
(#)
For these functions to be valid, CAS mode must be selected (CSIG=0 register address Y03), and the timeslot
control must be selected (CASS(n)=1 register address Y90 to YAF).
Table 185 - Channel n, Transmit CAS Data Register (Address Y51-Y6F) (E1)
Bit
Name
Functional Description
Table 184 - National (CAS, National, CRC-4 Local and Timers) Interrupt Mask Register (Address Y46)
(E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com