Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 209 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 209 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 205Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 206Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 207Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 208Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 209Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 210Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 211Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 212Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 213Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 275 page
background image
MT9072
Data Sheet
209
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
#
not used.
14
Sa5VM
Sa5 Value Bit Mask. This is the mask bit for the Sa5VI interrupt status bit in the National
(CAS, National, CRC-4 Local and Timers) Interrupt Status Register (address Y36). If this
mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit is zero, the
corresponding interrupt bit will function normally.
13
13
12
11
Sa6V3M
Sa6V2M
Sa6V1M
Sa6V0M
(0000)
Sa6 Value Bits 3-0 Mask. This is the mask bit for the Sa6V*I interrupt status bit in the
National (CAS, National, CRC-4 Local and Timers) Interrupt Status Register (address Y36). If
this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit is zero,
the corresponding interrupt bit will function normally.
10
#
not used.
9
Sa6N8M
(0)
Eight Consecutive Sa6 Nibbles Mask. This is the mask bit for the Sa6N8I interrupt status bit
in the National (CAS, National, CRC-4 Local and Timers) Interrupt Status Register (address
Y36). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
8Sa6NM
(0)
Sa6 Nibble Change Mask. This is the mask bit for the Sa6NI interrupt status bit in the
National (CAS, National, CRC-4 Local and Timers) Interrupt Status Register (address Y36). If
this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit is zero,
the corresponding interrupt bit will function normally.
7SaNM
(0)
Sa Nibble Change Mask. This is the mask bit for the SaNI interrupt status bit in the National
(CAS, National, CRC-4 Local and Timers) Interrupt Status Register (address Y36). If this
mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit is zero, the
corresponding interrupt bit will function normally.
6Sa5TM
(0)
Sa5 Bit Change Mask. This is the mask bit for the Sa5TI interrupt status bit in the National
(CAS, National, CRC-4 Local and Timers) Interrupt Status Register (address Y36). If this
mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit is zero, the
corresponding interrupt bit will function normally.
5SaTM
(0)
Sa Bit Change Mask. This is the mask bit for the SaTI interrupt status bit in the National
(CAS, National, CRC-4 Local and Timers) Interrupt Status Register (address Y36). If this
mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit is zero, the
corresponding interrupt bit will function normally.
4
CASRM
(0)
Receive Channel Associated Signaling (CAS) Mask. This is the mask bit for the CASRI
interrupt status bit in the National (CAS, National, CRC-4 Local and Timers) Interrupt Status
Register (address Y36). If this mask bit is one, the corresponding interrupt bit will remain
inactive. If this mask bit is zero, the corresponding interrupt bit will function normally.
3CALNM
(0)
CRC-4 Alignment 2ms Timer Mask. This is the mask bit for the CALNI interrupt status bit in
the National (CAS, National, CRC-4 Local and Timers) Interrupt Status Register (address
Y36). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
Table 184 - National (CAS, National, CRC-4 Local and Timers) Interrupt Mask Register (Address Y46)
(E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com