Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 205 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 205 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 201Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 202Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 203Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 204Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 205Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 206Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 207Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 208Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 209Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 275 page
background image
MT9072
Data Sheet
205
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-9
#
not used.
8GAIM
(0)
GAIM When unmasked an interrupt is generated when go-ahead pattern (01111111)
was detected by the HDLC receiver.
7EOPDIM
(0)
End of Packet Data Interrupt Mask.When unmasked an interrupt is initiated when an
end of packet (EOP) byte was written into the RX FIFO by the HDLC receiver.
6
TEOPIM
(0)
Transmit End of Packet Interrupt Mask.When unmasked an interrupt is initiated
when the byte about to be read from the RX FIFO is the last byte of the packet. An
interrupt is also initiated if the Rx FIFO is read and there is no data in it.
5EOPRIM
(0)
End of Packet Received Interrupt Mask.When unmasked an interrupt is initiated
when the byte about to be read from the RX FIFO is the last byte of the packet. An
interrupt is also initiated if the Rx FIFO is read and there is no data in it.
4TXFLIM
(0)
Transmit Fifo Low Interrupt Mask.When unmasked an interrupt is initiated when the
Tx FIFO is emptied below the selected low threshold level.
3FAIM
(0)
Transmit Elastic Buffer full interrupt Mask. When unmasked an interrupt is initiated
whenever the transmit elastic buffer is full.If 1 - masked, 0 - unmasked.
2
TXUNDERIM
(0)
Transmit Fifo Underrun Interrupt Mask. interrupt is initiated for TX FIFO underrun
indication.
1
RXFFIM
(0)
Receive Fifo full Threshold interrupt Mask. When unmasked an interrupt is initiated
whenever the Rx FIFO is filled above the selected full threshold level.
0
RXOVFLIM
(0)
Receive Fifo Overflow Interrupt Mask. When unmasked an interrupt is initiated
whenever the 16 byte RX FIFO overflowed (i.e. an attempt to write to a 16 byte full RX
FIFO).
Table 181 - HDLC Interrupt Mask Register (Address Y43) (E1)
Bit
Name
Functional Description
15
#
not used.
14
RCRCRM
(0)
Remote CRC-4 and RAI Mask. This is the mask bit for the RCRCRI interrupt status bit in the
Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register (address
Y34). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
13
RSLPM
(0)
Receive Slip Mask. This is the mask bit for the RSLPI interrupt status bit in the Sync (Sync,
CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register (address Y34). If this
mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit is zero, the
corresponding interrupt bit will function normally.
12
YM
(0)
Receive Y-bit Mask. This is the mask bit for the YI interrupt status bit in the Sync (Sync,
CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register (address Y34). If this
mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit is zero, the
corresponding interrupt bit will function normally.
Table 182 - Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Mask Register (Address Y44)
(E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com