Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 206 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 206 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 202Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 203Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 204Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 205Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 206Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 207Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 208Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 209Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 210Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 275 page
background image
MT9072
Data Sheet
206
Zarlink Semiconductor Inc.
11
AUXPM
(0)
Auxiliary Pattern Mask. This is the mask bit for the AUXPI interrupt status bit in the Sync
(Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register (address Y34). If
this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit is zero,
the corresponding interrupt bit will function normally.
10
RAIM
(0)
Remote Alarm Indication Status Mask. This is the mask bit for the RAII interrupt status bit in
the Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register (address
Y34). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
9AISM
(0)
Alarm Indication Status Signal Mask. This is the mask bit for the AISI interrupt status bit in
the Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register (address
Y34). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
8AIS16M
(0)
Alarm Indication Signal 16 Status Mask. This is the mask bit for the AIS16I interrupt status
bit in the Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register
(address Y34). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this
mask bit is zero, the corresponding interrupt bit will function normally.
7
LOSSM
(0)
Loss of Signal Status Indication Mask. This is the mask bit for the LOSSI interrupt status bit
in the Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register
(address Y34). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this
mask bit is zero, the corresponding interrupt bit will function normally.
6
RCRC0M
(0)
Remote CRC-4 and RAI T10 Mask. This is the mask bit for the RCRC0I interrupt status bit in
the Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register (address
Y34). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this mask bit
is zero, the corresponding interrupt bit will function normally.
5
RCRC1M
(0)
Remote CRC-4 and RAI T450 Mask. This is the mask bit for the RCRC1I interrupt status bit
in the Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Status Register
(address Y34). If this mask bit is one, the corresponding interrupt bit will remain inactive. If this
mask bit is zero, the corresponding interrupt bit will function normally.
4CEFSM
(0)
Consecutively Errored Frame Alignment Signal Mask. This is the mask bit for the CEFSI
interrupt status bit in the Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt
Status Register (address Y34). If this mask bit is one, the corresponding interrupt bit will
remain inactive. If this mask bit is zero, the corresponding interrupt bit will function normally.
3RFAILM
(0)
Remote CRC-4 Multiframe Generator/Detector Failure Mask. This is the mask bit for the
RFAILI interrupt status bit in the Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase)
Interrupt Status Register (address Y34). If this mask bit is one, the corresponding interrupt bit
will remain inactive. If this mask bit is zero, the corresponding interrupt bit will function
normally.
Bit
Name
Functional Description
Table 182 - Sync (Sync, CRC-4 Remote, Alarms, MAS and Phase) Interrupt Mask Register (Address Y44)
(E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com