Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 203 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 203 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 199Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 200Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 201Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 202Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 203Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 204Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 205Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 206Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 207Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 275 page
background image
MT9072
Data Sheet
203
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
#
not used.
14
Sa5VI
Sa5 Value Bit Interrupt. This bit is one when the corresponding latched status bit (Sa5VL,
register address Y26) is set, and the corresponding mask bit is unmasked (Sa5VM, register
address Y46). This bit is cleared when either this register, or the latched status register is read.
13
12
11
10
Sa6V3I
Sa6V2I
Sa6V1I
Sa6V0I
Sa6 Value Bits 3-0 Interrupt. This bit is one when the corresponding latched status bit
(Sa6V*L, register address Y26) is set, and the corresponding mask bit is unmasked (Sa6V*M,
register address Y46). This bit is cleared when either this register, or the latched status register
is read.
9Sa6N8I
Eight Consecutive Sa6 Nibbles Interrupt. This bit is one when the corresponding latched
status bit (Sa6N8L, register address Y26) is set, and the corresponding mask bit is unmasked
(Sa6N8M, register address Y46). This bit is cleared when either this register, or the latched
status register is read.
8
Sa6NI
Sa6 Nibble Change Interrupt. This bit is one when the corresponding latched status bit
(Sa6NL, register address Y26) is set, and the corresponding mask bit is unmasked (Sa6NM,
register address Y46). This bit is cleared when either this register, or the latched status register
is read.
7SaNI
Sa Nibble Change Interrupt. This bit is one when the corresponding latched status bit (SaNL,
register address Y26) is set, and the corresponding mask bit is unmasked (SaNM, register
address Y46). This bit is cleared when either this register, or the latched status register is read.
6
Sa5TI
Sa5 Bit Change Interrupt. This bit is one when the corresponding latched status bit (Sa5TL,
register address Y26) is set, and the corresponding mask bit is unmasked (Sa5TM, register
address Y46). This bit is cleared when either this register, or the latched status register is read.
5SaTI
Sa Bit Change Interrupt. This bit is one when the corresponding latched status bit (SaTL,
register address Y26) is set, and the corresponding mask bit is unmasked (SaTM, register
address Y46). This bit is cleared when either this register, or the latched status register is read.
4CASRI
Receive Channel Associated Signaling (CAS) Interrupt. is bit is one when the
corresponding latched status bit (CASRL, register address Y24) is set, and the corresponding
mask bit is unmasked (CASRM, register address Y44). This bit is cleared when either this
register, or the latched status register is read.
3CALNI
CRC-4 Alignment 2 ms Timer Interrupt. This bit is one when the corresponding latched
status bit (CALNL, register address Y26) is set, and the corresponding mask bit is unmasked
(CALNM, register address Y46). This bit is cleared when either this register, or the latched
status register is read.
Table 180 - CAS, National, CRC-4 Local and Timer Interrupt Status Register (Address Y36) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com