Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 199 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 199 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 195Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 196Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 197Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 198Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 199Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 200Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 201Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 202Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 203Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 275 page
background image
MT9072
Data Sheet
199
Zarlink Semiconductor Inc.
17.2.6
Interrupt Vector and Interrupt Status Registers (Y3X) Bit Functions
Tables 129 and 130 describes the bit functions of the Interrupt Vectors, while Tables 182 to 185 describe the bit
functions of each of the Interrupt Status Registers in the MT9072. Each interrupt status register is repeated for each
of the 8 framers (not the Interrupt Vectors). Framer 0 is addressed with Y=0, Framer 1 with Y=1, Framer 2 with Y=2
and so on up to Framer 7 with Y=7 (where Y represents the 4 most significant address bits (MSB) A11-A8).
However, since the Interrupt Vectors are common for all eight framers, only addresses 910 and 911 may be used to
read from these registers. The (#) indicates that the unused bit position may be read as either a (0) or (1).
Bit
Name
Functional Description
15-9
#
not used.
8GAI
Go Ahead Interrupt. Indicates a go-ahead pattern (01111111) was detected by the
HDLC receiver. This bit is reset after a read.
7EOPDI
End of Packet Data Interrupt.This bit is set when an end of packet (EOP) byte was
written into the RX FIFO by the HDLC receiver. This can be in the form of a flag, an
abort sequence or as an invalid packet. This bit is reset after a read.
6
TEOPI
Transmit End of Packet Interrupt.This bit is set when the transmitter has finished
sending the closing flag of a packet or after a packet has been aborted. This bit is reset
after read.
5EOPRI
End of Packet Receive Fifo Interrupt.This bit is set when the byte about to be read
from the RX FIFO is the last byte of the packet. It is also set if the Rx FIFO is read and
there is no data in it. This bit is reset after a read.
4TXFLI
Transmit FIFO Low Interrupt.This bit is set when the Tx FIFO is emptied below the
selected low threshold level. This bit is reset after a read.
3FAI
Frame Abort: Transmit Interrupt. this bit (FA) is set when a frame abort is received
during packet reception. It must be received after a minimum number of bits have been
received (26) otherwise it is ignored.
2
TXUNDERI
Transmit Elastic Buffer Empty Interrupt. If high it Indicates that a read by the
transmitter was attempted on an empty Tx FIFO. This bit is reset after a read.
1
RXFFI
Receive FIFO is filled above Threshold Interrupt.This bit is set when the Rx FIFO is
filled above the selected full threshold level. This bit is reset after a read.
0
RXOVFLI
Receive FiFO Overflow Interrupt. This bit Indicates that the 32 byte RX FIFO
overflowed (i.e. an attempt to write to a 32 byte full RX FIFO). The HDLC will always
disable the receiver once the receive overflow has been detected. The receiver will be
re-enabled upon detection of the next flag, but will overflow again unless the RX FIFO
is read. This bit is reset after a read.
Table 177 - HDLC Interrupt Status Register(Y33) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com