Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 197 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 197 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 193Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 194Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 195Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 196Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 197Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 198Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 199Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 200Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 201Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 275 page
background image
MT9072
Data Sheet
197
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EEL15
EEL14
EEL13
EEL12
EEL11
EEL10
EEL9
EEL8
EEL7
EEL6
EEL5
EEL4
EEL3
EEL2
EEL1
EEL0
E-bit Error Count Latch. These bits make up a latch which samples the
current value of the E-Bit Error Counter (address Y17) on the rising edge of
the internal one second timer (ONESEC register address Y11). This latch is
cleared with a RESET (RESET pin or RST bit). EEL0 is the least significant
bit (LSB).
Table 173 - E-Bit Error Count Latch (R Address Y28) (E1)
Bit
Name
Functional Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VEL15
VEL14
VEL13
VEL12
VEL11
VEL10
VEL9
VEL8
VEL7
VEL6
VEL5
VEL4
VEL3
VEL2
VEL1
VEL0
Bipolar Violation (BPV) Error Count Latch. These bits make up a latch
which samples the current value of the Bipolar Violation (BPV) Error Counter
(address Y18) on the rising edge of the internal one second timer (ONESEC
register address Y11). This latch is cleared with a RESET (RESET pin or RST
bit). VEL0 is the least significant bit (LSB).
Table 174 - Bipolar Violation (BPV) Error Count Latch (R/W Address Y29) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com