Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 194 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 194 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 190Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 191Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 192Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 193Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 194Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 195Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 196Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 197Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 198Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 275 page
background image
MT9072
Data Sheet
194
Zarlink Semiconductor Inc.
Bit Name
Functional Description
15
#
not used.
14
SLOL Loss of Sync Counter Overflow Latch. When the Loss of Sync Counter (SLC15-0 register
address Y16) overflows (3FF to 00), this status bit is latched to one. This bit is cleared when either
this register, or the interrupt status register (register address Y35) is read.
13
FEOL Frame Alignment Signal (FAS) Error Counter Overflow Latch. When the FAS Error Counter
(FEC7-0 register address Y1A lower byte) overflows (FF to 00), this status bit is latched to one.
This bit is cleared when either this register, or the interrupt status register (register address Y35) is
read.
12
FEIL
Frame Alignment Signal (FAS) Error Counter Indication Latch. When the FAS Error Counter
(FEC7-0 register address Y1A lower byte) is incremented by one, this status bit is latched to one.
This bit is cleared when either this register or the interrupt status register (register address Y35) is
read.
11
BEOL Frame Alignment Signal (FAS) Bit Error Counter Overflow Latch. When the FAS Bit Error
Counter (BEC7-0 register address Y1A upper byte) overflows (FF to 00), this status bit is latched to
one. This bit is cleared when either this register, or the interrupt status register (register address
Y35) is read.
10
BEIL
Frame Alignment Signal (FAS) Bit Error Counter Indication Latch. When the FAS Bit Error
Counter (BEC7-0 register address Y1A upper byte) is incremented by one, this status bit is latched
to one. This bit is cleared when either this register, or the interrupt status register (register address
Y35) is read.
9CEOL CRC-4 Error Counter Overflow Latch. When the CRC-4 Error Counter (CEC15-0 register
address Y19) overflows (3FF to 000), this status bit is latched to one. This bit is cleared when either
this register, or the interrupt status register (register address Y35) is read.
8CEIL
CRC-4 Error Counter Indication Latch. When the CRC-4 Error Counter (CEC15-0 register
address Y19) is incremented by one, this status bit is latched to one. This bit is cleared when either
this register, or the interrupt status register (register address Y35) is read.
7VEOL Bipolar Violation (BPV) Error Counter Overflow Latch. When the BPV Error Counter (VEC15-0
register address Y18) overflows (FFFF to 000), this status bit is latched to one. This bit is cleared
when either this register, or the interrupt status register (register address Y35) is read.
6
VEIL
Bipolar Violation (BPV) Error Counter Indication Latch. When the BPV Error Counter (VEC15-0
register address Y18) is incremented by one, this status bit is latched to one. This bit is cleared
when either this register, or the interrupt status register (register address Y35) is read.
5EEOL E-Bit Error Counter Overflow Latch. When the E-Bit Error Counter (EEC15-0 register address
Y17) overflows (3FF to 000), this status bit is latched to one. This bit is cleared when either this
register, or the interrupt status register (register address Y35) is read.
4
EEIL
E-Bit Error Counter Indication Latch. When the E-Bit Error Counter (EEC15-0 register address
Y17) is incremented by one, this status bit is latched to one. This bit is cleared when either this
register, or the interrupt status register (register address Y35) is read.
3PCOL PRBS CRC-4 Counter Overflow Latch. When the PRBS CRC-4 Counter (PCC7-0 register
address Y15 lower byte) overflows (FF to 00), this status bit is latched to one. This bit is cleared
when either this register, or the interrupt status register (register address Y35) is read.
2
#
not used.
Table 170 - Counter Indication and Counter Overflow Latched Status Register (Address Y25) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com