Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 190 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 190 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 186Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 187Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 188Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 189Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 190Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 191Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 192Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 193Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 194Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 275 page
background image
MT9072
Data Sheet
190
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
14
13
12
11
10
9
8
BEC7
BEC6
BEC5
BEC4
BEC3
BEC2
BEC1
BEC0
Frame Alignment Signal (FAS) Bit Error Counter. These bits make up a counter which is
incremented for each individual error in the received PCM30 link basic frame alignment signal
(FAS) pattern (x0011011 in timeslot 0 of alternate frames). This counter is cleared with an
overflow, a RESET (RESET pin or RST bit), or it may be set by writing the desired value to it.
BEC0 is the least significant bit (LSB). The lower byte and upper byte of register cannot be written
to independently.
7
6
5
4
3
2
1
0
FEC7
FEC6
FEC5
FEC4
FEC3
FEC2
FEC1
FEC0
Frame Alignment Signal (FAS) Error Counter. These bits make up a counter which is
incremented for each combined (one or more) error in the received PCM30 link basic frame
alignment signal (FAS) pattern (x0011011 in timeslot 0 of alternate frames). This counter is
cleared with an overflow, a RESET (RESET pin or RST bit), or it may be set by writing the desired
value to it. FEC0 is the least significant bit (LSB). The lower byte and upper byte of register
cannot be written to independently.
Table 163 - Frame Alignment Signal (FAS) Bit Error Counter & FAS Error Counter (R/W Address Y1A)
(E1)
Bit
Name
Functional Description
15-12
####
not used.
11
RXclk
This bit represents the receiver clock generated after the RXEN control bit, but before
zero deletion is considered.
10
TXclk
This bit represents the transmit clock generated after the TXEN control bit, but before
zero insertion is considered.
9
Vcrc
This is the CRC recognition status bit for the receiver. Data is clocked into the register and
then this bit is monitored to see if comparison was successful (bit will be high).
8
Vaddr
This is the address recognition status bit for the receiver. Data is clocked into the Address
Recognition Register and then this bit is monitored to see if comparison was successful
(bit will be high).
7 - 0
TBP7-0
Transmit Byte Counter Position. These 7 bits provide the position of the Transmit HDLC
Byte Counter register (YF6). The counter is decremented as a byte of data is sent through
the Transmit FIFO.
When this register reaches the count of one, the next write to the Tx FIFO will be tagged
as an end of packet byte. The counter decrements at the end of the write to the Tx FIFO.
If the Cycle bit of YF2 is set high, the counter will cycle through the programmed value
continuously.
Table 164 - Transmit Byte Counter Position and HDLC Test Status(Y1C) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com