Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 186 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 186 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 182Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 183Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 184Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 185Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 186Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 187Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 188Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 189Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 190Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 275 page
background image
MT9072
Data Sheet
186
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
RIU1
Receive International Use 1. Indicates the status of the bit received on the PCM30 link in bit
position one of timeslot 0 of the non-frame alignment signal (NFAS) frames. This bit is the
CRC-4 multiframe alignment bit (001011) of the NFAS frames (1,3,5,7,9,11) when CRC-4
multiframing is used. Or, this bit is used for international use.
14
RNFA
Receive Non-Frame Alignment Bit. Indicates the status of the bit received on the PCM30 link
in bit position two of timeslot 0 of the non-frame alignment signal (NFAS) frames. This bit should
be one and identifies the frame as an NFAS frame (the FAS frame should have a zero in bit
position two of timeslot 0).
13
RAI
Remote Alarm Indication Status. Indicates the status of the bit (A-bit) received on the PCM30
link in bit position 3 of timeslot 0 of the non-frame alignment signal (NFAS) frames. If one, there
is currently a remote alarm condition. Updated on a NFAS frame basis.
This bit is identical to the RAI bit of register address Y12 and is duplicated here for convenience.
12
11
10
9
8
RNU4
RNU5
RNU6
RNU7
RNU8
Receive National Use Four to Eight. Indicates the value of the Sa bits received on the PCM30
link in bit positions four to eight of timeslot 0 of the non-frame alignment signal (NFAS) frames.
Sa4 corresponds to RNU4, Sa5 to RNU5 and so on up to Sa8 to RNU8. Updated on a NFAS
frame basis.
7RIU0
Receive International Use Zero. Indicates the status of the bit received on the PCM30 link in
bit position one of timeslot 0 of the frame alignment signal (FAS) frames. This bit is the CRC-4
remainder bit (C1,C2,C3 or C4) of the FAS frames when CRC-4 multiframing is used. Or, this bit
is used for international use.
6
5
4
3
2
1
0
RFA2
RFA3
RFA4
RFA5
RFA6
RFA7
RFA8
Receive Frame Alignment Signal (FAS) Bits 2 to 8. Indicates the value of the bits received on
the PCM30 link in bit positions two to eight of timeslot 0 of the frame alignment signal (FAS)
frames. These bits form the FAS and should have the value of 0011011.
Table 156 - Non-Frame Alignment (NFAS) Signal and Frame Alignment Signal (FAS) Status
(R Address Y13) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com