Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 187 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 187 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 183Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 184Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 185Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 186Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 187Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 188Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 189Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 190Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 191Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 275 page
background image
MT9072
Data Sheet
187
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-12
#### not used.
Phase Indicator. These 12 bits are an indication of the delay through the receive slip buffer
and the imminence of a receive frame slip. The read address is this register’s value plus 16 bits
and is updated when the write address is zero. The slip buffer contains 512 bits on 64 channels
(0 thru 63). The accuracy of this indicator is approximately 1/16 of a bit.
11
10
9
8
7
6
5
4
3
2
1
0
PI11
PI10
PI9
PI8
PI7
PI6
PI5
PI4
PI3
PI2
PI1
PI0
This bit indicates a 1 frame (32 timeslot or 256 bit) phase offset.
This bit indicates a 16 timeslot (128 bit) phase offset.
This bit indicates a 4 timeslot (64 bit) phase offset.
This bit indicates a 3 timeslot (32 bit) phase offset.
This bit indicates a 2 timeslot (16 bit) phase offset.
This bit indicates a 1 timeslot (8 bit) phase offset.
This bit indicates a 4 bit phase offset.
This bit indicates a 2 bit phase offset.
This bit indicates a 1 bit phase offset.
This bit indicates a 1/2 bit phase offset.
This bit indicates a 1/4 bit phase offset.
This bit indicates a 1/8 bit phase offset.
Table 157 - Phase Indicator Status (R Address Y14) (E1)
Bit
Name
Functional Description
15
14
13
12
11
10
9
8
PEC7
PEC6
PEC5
PEC4
PEC3
PEC2
PEC1
PEC0
Pseudo Random Bit Sequence (PRBS) Error Counter. These bits make up a counter which is
incremented for each pseudo random bit sequence (PRBS) (215-1) error detected on any of the
DSTo receive channels connected (ADSEQ=0 register address Y01, RRSTn=1 register address
Y90 to YAF) to the PRBS error detector. This counter is cleared with an overflow, a RESET
(RESET pin or RST bit), or may be set by writing the desired value to it. PEC0 is the least
significant bit (LSB). The lower byte and upper byte of register cannot be written to
independently.
7
6
5
4
3
2
1
0
PCC7
PCC6
PCC5
PCC4
PCC3
PCC2
PCC1
PCC0
Pseudo Random Bit Sequence (PRBS) CRC-4 Counter. These bits make up a counter which
is incremented for each received CRC-4 multiframe. This counter is cleared with an overflow, a
RESET (RESET pin or RST bit), or may be set by writing the desired value to it. PCC0 is the
least significant bit (LSB). The lower byte and upper byte of register cannot be written to
independently.
Table 158 - PRBS Error Counter & PRBS CRC-4 Counter (R/W Address Y15) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com