Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 185 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 185 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 181Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 182Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 183Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 184Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 185Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 186Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 187Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 188Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 189Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 275 page
background image
MT9072
Data Sheet
185
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-14
##
not used.
13
KLVE
Keep Alive. If one, indicates that the AIS status bit (register address Y12) has been one for at
least 100 ms. This bit is zero when AIS is zero. Refer to I.431.
12
LOSS
Loss of Signal Status Indication. If one, indicates the presence of a loss of signal condition
on the received PCM30 link. A loss of signal condition occurs when 192 or 32 (selectable by
L32Z in Y01) consecutive bit periods are zero. A loss of signal condition terminates when an
average ones density of at least 12.5% has been received over a period of 255 contiguous
pulse positions starting with a pulse. If zero, indicates normal operation.
11
AIS16
Alarm Indication Signal 16 Status. If one, indicates an all ones signal (1111 1111) is being
received in timeslot16 of the received PCM30 link for the current frame. Updated on a basic
frame basis. If zero, normal operation.
10
AIS
Alarm Indication Status Signal. If one, indicates that an Alarm Indication Signal (AIS) is
detected on the received PCM30 link. The criteria (i.e., less than three zeros in a two frame
period) for AIS detection is determined by the control bit ASEL (register address Y00). If the
AIS bit is zero, indicates that an AIS signal not being received.
9RAI
Remote Alarm Indication Status. Indicates the status of the bit (A-bit) received on the
PCM30 link in bit position 3 of timeslot 0 of the non-frame alignment signal (NFAS) frames. If
one, there is currently a remote alarm condition. Updated on a NFAS frame basis.
This bit is identical to the RAI bit of register address Y13 and is duplicated here for
convenience.
8AUXP
Auxiliary Pattern. If one, an auxiliary pattern (101010) of at least 512 bits is being received
on the PCM30 link. If zero, an auxiliary pattern is not being received. This pattern will be
decoded in the presents of a bit error rate of as much as 10-3.
7
6
5
4
RMA1
RMA2
RMA3
RMA4
Receive Multiframe Alignment Bits One to Four. Indicates the status of the bits received on
the PCM30 link in bit positions one to four of timeslot 16 of frame 0 of the multiframe
alignment signal (MAS). These bits should be 0000 for proper signaling multiframe alignment.
Updated on a MAS frame basis.
3X1
Receive Spare Bit X1. Indicates the status of the bit received on the PCM30 link in bit
position five of timeslot 16 of frame 0 of the multiframe alignment signal (MAS). Updated on a
MAS frame basis.
2Y
Receive Y-bit. Indicates the status of the bit (Y-bit) received on the PCM30 link in bit position
six of timeslot 16 of frame 0 of the multiframe alignment signal (MAS). Updated on a MAS
frame basis. If one, typically indicates a loss of multiframe alignment at the remote end. If
zero, typically indicates acquired multiframe alignment at the remote end.
1
0
X2
X3
Receive Spare Bits X2 and X3. Indicates the status of the bits received on the PCM30 link in
bit positions seven and eight of timeslot 16 of frame 0 of the multiframe alignment signal
(MAS). Updated on a MAS frame basis.
Table 155 - Alarms & Multiframe Signaling (MAS) Status (R Address Y12) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com