Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 182 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 182 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 178Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 179Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 180Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 181Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 182Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 183Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 184Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 185Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 186Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 275 page
background image
MT9072
Data Sheet
182
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
#
not used.
14
RSLP
Receive Slip. This bit changes state when a receive controlled frame slip has occurred.
13
RSLPD
Receive Slip Direction. If one, indicates that the last received frame slip (RSLP toggled of
register Y10) resulted in a repeated frame. This would occur if the system clock (CKi/2) was
faster than the network clock (EXCLi). If zero, indicates that the last received frame slip (RSLP)
resulted in a lost frame. This would occur if the system clock (CKi/2) was slower than the
network clock (EXCLi). Updated on an RSLP occurrence basis.
12
BSYNC Receive Basic Frame Alignment. If zero, indicates the received PCM30 link basic frame
alignment pattern (x0011011 in timeslot 0 of alternate frames) is acquired; if one, the basic
frame alignment pattern is lost or not acquired.
11
MSYNC Receive Multiframe Alignment. If zero, indicates the received PCM30 link signaling
multiframe alignment signal (0000xxxx in timeslot 16 of every16th frame) is acquired; if one, the
signaling multiframe alignment signal is lost or not acquired.
10
CSYNC Receive CRC-4 Synchronization. If zero, indicates the received PCM30 link CRC-4
multiframe alignment pattern (001011xx in timeslot 0, in bit position 1 of 16 alternate frames) is
acquired; if one, the CRC-4 multiframe alignment pattern is lost or not acquired.
9RED
RED Alarm. If one, indicates that basic frame alignment (BSYNC of register address Y10) has
been lost for at least 100 msec. This bit is cleared (zero) when basic frame alignment is
acquired.
8CEFS
Consecutively Errored Frame Alignment Signal. If one, the last two frame alignment signals
(FAS=0011011) were received in error. If zero, at least one of the last two frame alignment
signals were received without error. A non-errored FAS would result in the RFA status bits
(register address Y13) set as follows, RFA2=0, RFA3=0, RFA4=1, RFA5=1, RFA6=0, RFA7=1,
RFA8=1
7
#
not used.
6
RCRC0 Remote CRC-4 and RAI T10. If one, the received A bits were one and the received E bits were
zero (RCRCR register address Y10) continuously for more than 10 ms. See I.431 section
3.4.1.2 on RAI and continuous CRC error information.
5
RCRC1 Remote CRC-4 and RAI T450. If one, the received A bits were one and the received E bits
were zero (RCRCR register address Y10) continuously for more than 10 ms but less than
450 ms. See I.431 section 3.4.1.2 on RAI and continuous CRC error information.
4RFAIL
Remote CRC-4 Multiframe Generator/Detector Failure. If one, each of the previous five
seconds have an E-bit (E1 + E2) of error count of greater than 989 (E-bit counter 3DD hex or 11
1101 1101 address Y17), and for this same period the receive RAI bit (register addressY12 and
Y13) was zero (no remote alarm), and for the same period the BSYNC bit (register address
Y10) was equal to zero (basic frame alignment has been maintained). If zero, indicates normal
operation.
3REB1
Receive E1 Bit Status. Indicates the status of the bit (E1) received on the PCM30 link in bit
position 1 of timeslot 0 in non-frame alignment signal (NFAS) frame 13. If zero, the remote end
calculated a CRC-4 error in its received sub-multiframe one. If one, no error was calculated.
Table 153 - Synchronization & CRC-4 Remote Status (R Address Y10) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com