Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 178 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 178 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 174Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 175Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 176Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 177Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 178Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 179Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 180Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 181Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 182Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 275 page
background image
MT9072
Data Sheet
178
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-12
#
not used.
11-7
HCH4-0
(0)
HDLC Channel 4-0. This 5 bit number specifies the channel time HDLC will be attached to
if enabled. Channel 1 is the first channel in the frame. Channel 31 is the last channel
available in a E1 frame. If enabled in a channel, HDLC data will be substituted for data from
DSTi on the transmit side. Receive data is extracted from the incoming line data before the
elastic buffer and decoded by the HDLC receiver. This bits are relevant if HPAYSEL is set.
6
HPAYSEL
(0)
HDLC Payload Select. Set this bit to 1 to attach HDLC0 to a payload timeslot, if zero it is
attached to the Facility data link in Timeslot 0 in accordance with selections in Y08.
5-3
#
not used
2
TS31E
(0)
Time Slot 31 CST Enable. If one, the transmit PCM30 link timeslot 31 data will be sourced
from a CSTi timeslot as selected by control bits 31C4 to 31C0 of register address Y07. And,
the receive PCM30 link timeslot 31 data will be sourced to both DSTo timeslot 31 and to the
above selected CSTo timeslot. This feature is used to link PCM30 CCS data to an external
HDLC device through the CSTo and CSTi pins. If zero, the transmit PCM30 link timeslot 31
data will be sourced from DSTi timeslot 31. And, the receive PCM30 link timeslot 31 data
will be sourced to DSTo timeslot 31 only.
CCS (CSIG =1 of register address Y03) must be selected for these operations to be valid.
1
TS16E
(0)
Time Slot 16 CST Enable. If one, the transmit PCM30 link timeslot 16 data will be sourced
from a CSTi timeslot as selected by control bits 16C4 to 16C0 of register address Y07. And,
the receive PCM30 link timeslot 16 data will be sourced to both DSTo timeslot 16 and to the
above selected CSTo timeslot. This feature is used to link PCM30 CCS data to an external
HDLC device through the CSTo and CSTi pins. If zero, the transmit PCM30 link timeslot 16
data will be sourced from DSTi timeslot 16. And, the receive PCM30 link timeslot 16 data
will be sourced to DSTo timeslot 16 only.
CCS (CSIG=1 of register address Y03) must be selected for these operations to be valid.
0
TS15E
(0)
Time Slot 15 CST Enable. If one, the transmit PCM30 link timeslot 15 data will be sourced
from a CSTi timeslot as selected by control bits 15C4 to 15C0 of register address Y07. And,
the receive PCM30 link timeslot 15 data will be sourced to both DSTo timeslot 15 and to the
above selected CSTo timeslot. This feature is used to link PCM30 CCS data to an external
HDLC device through the CSTo and CSTi pins. If zero, the transmit PCM30 link timeslot 15
data will be sourced from DSTi timeslot 15. And, the receive PCM30 link timeslot 15 data
will be sourced to DSTo timeslot 15 only.
CCS (CSIG=1 of register address Y03) must be selected for these operations to be valid.
Table 148 - HDLC & CCS ST-BUS Control Register (R/W Address Y06) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com