Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 179 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 179 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 175Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 176Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 177Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 178Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 179Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 180Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 181Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 182Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 183Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 275 page
background image
MT9072
Data Sheet
179
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
#
not used.
14
13
12
11
10
31C4
31C3
31C2
31C1
31C0
(11111)
Timeslot 31 CST Map Bits. The selection of these bits results in a mapping of the transmit
PCM30 timeslot 31, from a specific CSTi timeslot; and similarly, maps receive PCM30 timeslot
31, to a specific CSTo timeslot. PCM30 timeslot 31 data is mapped to/from CST channel n
(n=0 to 31), where n is the BCD (Binary Coded Decimal) equivalent of 31C4 to 31C0 with 31C4
being the most significant bit.
Bit Settings
Selected
31C4
31C3
31C2
31C1
31C0
CST Timeslot
0000
0
0
0000
1
1
0
001
0
2
etc.
1111
1
31
CCS (CSIG=1 of register address Y03) and CST (TS31E=1 of register address Y06) must be
selected for these operations to be valid.
9
8
7
6
5
16C4
16C3
16C2
16C1
16C0
(10000)
Timeslot 16 CST Map Bits. The selection of these bits results in a mapping of the transmit
PCM30 timeslot 16, from a specific CSTi timeslot; and similarly, maps receive PCM30 timeslot
16, to a specific CSTo timeslot. PCM30 timeslot 16 data is mapped to/from CST channel n
(n=0 to 31), where n is the BCD equivalent of 16C4 to 16C0 with 16C4 being the most
significant bit.
Bit Settings
Selected
16C4
16C3
16C2
16C1
16C0
CST Timeslot
0000
0
0
0000
1
1
0
001
0
2
etc.
1111
1
31
CCS (CSIG=1 of register address Y03) and CST (TS16E=1 of register address Y06) must be
selected for these operations to be valid.
4
3
2
1
0
15C4
15C3
15C2
15C1
15C0
(01111)
Timeslot 15 CST Map Bits. The selection of these bits results in a mapping of the transmit
PCM30 timeslot 15, from a specific CSTi timeslot; and similarly, maps receive PCM30 timeslot
15, to a specific CSTo timeslot. PCM30 timeslot 15 data is mapped to/from CST channel n
(n=0 to 31), where n is the BCD equivalent of 15C4 to 15C0 with 15C4 being the most
significant bit.
Bit Settings
Selected
15C4
15C3
15C2
15C1
15C0
CST Timeslot
0000
0
0
0000
1
1
0
001
0
2
etc.
1111
1
31
CCS (CSIG=1 of register address Y03) and CST (TS15E=1 of register address Y06) must be
selected for these operations to be valid.
Table 149 - CCS to ST-BUS CSTi and CSTo Map Control Register (R/W Address Y07) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com