Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 180 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 180 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 176Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 177Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 178Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 179Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 180Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 181Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 182Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 183Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 184Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 275 page
background image
MT9072
Data Sheet
180
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
#
not used.
14
13
Sa4SS
(00)
Sa4 Source Select. These 2 bits determine the source of the transmit Sa4 bits in timeslot 0 of
NFAS frames.
Select Bits:
Sa4 Source
00
Transmit National Data Register (YB0)
01
TxDL pin (received Sa4 bits are sent to the RxDL pin)
10
DSTi pin (ST-BUS Channel 0, Bit 4 in NFAS frames)
11
HDLC (Transmit and Receive Sa4 bits)
Note the received Sa4 bits are always available in the RX National Data Bit Buffer (YC0) and
timeslot 0 on the DSTo pin.
14
13
Sa5SS
(00)
Sa5 Source Select. These 2 bits determine the source of the transmit Sa5 bits in timeslot 0 of
NFAS frames.
Select Bits: Sa5 Source
00
Transmit National Data Register (YB1)
01
TxDL pin (received Sa5 bits are sent to the RxDL pin)
10
DSTi pin (ST-BUS Channel 0, Bit 3 in NFAS frames)
11
HDLC (Transmit and Receive Sa5 bits)
Note the received Sa5 bits are always available in the RX National Data Bit Buffer (YC1) and
timeslot 0 on the DSTo pin.
10
9
Sa6SS
(00)
Sa6 Source Select. These 2 bits determine the source of the transmit Sa6 bits in timeslot 0 of
NFAS frames.
Select Bits:
Sa6 Source
00
Transmit National Data Register (YB2)
01
TxDL pin (received Sa6 bits are sent to the RxDL pin)
10
DSTi pin (ST-BUS Channel 0, bit 2 in NFAS frames)
11
HDLC (Transmit and Receive Sa6 bits)
Note the received Sa6 bits are always available in the RX National Data Bit Buffer (YC2) and
timeslot 0 on the DSTo pin.
8
7
Sa7SS
(00)
Sa7 Source Select. These 2 bits determine the source of the transmit Sa7 bits in timeslot 0 of
NFAS frames.
Select Bits:
Sa7 Source
00
Transmit National Data Register (YB3)
01
TxDL pin (received Sa7 bits are sent to the RxDL pin)
10
DSTi pin (ST-BUS Channel 0, Bit 1 in NFAS frames)
11
HDLC (Transmit and Receive Sa7 bits)
Note the received Sa7 bits are always available in the RX National Data Bit Buffer (YC3) and
timeslot 0 on the DSTo pin.
6
5
Sa8SS
(00)
Sa8 Source Select. These 2 bits determine the source of the transmit Sa8 bits in timeslot 0 of
NFAS frames.
Select Bits:
Sa8 Source
00
Transmit National Data Register (YB4)
01
TxDL pin (received Sa8 bits are sent to the RxDL pin)
10
DSTi pin (ST-BUS Channel 0, Bit 1 in NFAS frames)
11
HDLC (Transmit and Receive Sa8 bits)
Note the received Sa8 bits are always available to the RX National Data Bit Buffer (YC4) and
timeslot 0 on the DSto pin.
4-2
#
not used.
Table 150 - DataLink Control Register (R/W Address Y08) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com