Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 176 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 176 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 172Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 173Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 174Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 175Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 176Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 177Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 178Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 179Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 180Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 275 page
background image
MT9072
Data Sheet
176
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-7
#
not used.
6ELAS
(0)
Elastic Buffer Enable. When this bit is set to one, the data at DSTo is a 2.048 Mb/s serial output
stream which contains all 32 timeslots of the received PCM30 link data after HDB3 decoding.
This data does not pass through the elastic buffer and is clocked out with the falling edge of
EXCLi. The data at the DSTo pin is identical to the data at the RXDL pin. When this bit is set to
zero, the elastic buffer is enabled, and DSTo operates synchronously with the clock at the CKi
pin.
Note that only RXDLC or the EXCL can be used to clock DSTo data and DSTo data has no
relationship to CKi when ELAS is1.
5ACCLR
(0)
Automatic Counter Clear. When this bit is set to one, all non-latched status counters (address
Y15 to Y1A) are cleared automatically by the one second timer bit ONESEC (address Y11)
immediately following the counter latch operation (address Y25 to Y2B). If zero, all non-latched
status counters operate normally.
4RxTRS
(0)
Receive Transparent Mode. If one, the framing function is disabled on the receive side. Data
coming from the receive line passes through the slip buffer and drives DSTo with an arbitrary
alignment. When zero, the receive framing function operates normally.
3TxTRS
(0)
Transmit Transparent Mode. If one, the MT9072 is in transmit transparent mode where no
framing or signaling is imposed on data transmitted from DSTi onto the PCM30 line. In other
words, timeslot 0 and timeslot 16 data on the transmit PCM30 link is sourced from the DSTi
input. If zero, the MT9072 is in termination mode.
2CSIG
(0)
CCS and CAS signaling. If one, the MT9072 is in Common Channel signaling (CCS) mode. If
zero, the MT9072 is in Channel Associated signaling (CAS) mode.
1
CNCLR
(0)
Counter Clear. When this bit is changed from zero to one, all non-latched status counters
(address Y15 to Y1A) are cleared. If zero, all non-latched status counters operate normally.
0RST
(0)
Reset. When this bit is changed from zero to one, the selected framer (Y) will reset to its default
mode. See the Reset Operation section for the default settings.
Table 145 - DL, CCS, CAS and Other Control Register (R/W Address Y03) (E1)
Bit
Name
Functional Description
15-2
#
not used.
1-0
SIP1-0 Signaling Interrupt Period. These 2 bits determine the signaling Interrupt period due to the
Receive signaling changes. This 2 bits determine the duration of the signaling interrupt bit
CASRI(Y36).
00 2 msec Period
01 8 msec Period
10 16 msec Period
Table 146 - Signaling Period Interrupt Word (R/W Address Y04) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com