Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 175 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 175 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 171Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 172Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 173Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 174Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 175Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 176Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 177Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 178Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 179Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 275 page
background image
MT9072
Data Sheet
175
Zarlink Semiconductor Inc.
12
T2OP
(0)
T2o Polarity. If one, the TxCL pin will output a 2.048 MHz clock whose rising edge is in the center
of the transmitted PCM30 bit cell at the TPOS and TNEG transmit pins. This clock is equivalent to
the internal ST-BUS C2 clock. If zero, the TxCL pin will output a 2.048 MHz clock whose falling
edge is in the center of the transmitted PCM30 bit cell at the TPOS and TNEG transmit pins. This
clock is equivalent to the internal ST-BUS C2 clock.
11
MFBE
(0)
Transmit Multiframe Boundary Enable. If one, the TxMF pin will be enabled. If zero, the TxMF
pin will be disabled. See the TxMF pin description.
10 Tx8KEN Transmit 8 KHz Enable. If one, the pin RxMF transmits a positive 8 KHz frame pulse synchronous
with the serial data stream transmit on TPOS/TNEG. If zero, the pin RxMF transmits a negative
frame pulse synchronous with the multiframe boundary of data coming out of DSTo.
9
SPND
(0)
Suspend Interrupts. If zero, the selected framers contribution to the IRQ pin output will be a high
impedance state, but all interrupt status registers will continue to be updated. If one, the selected
framers contribution to the IRQ output will be normal operation.
8INTA
(0)
Interrupt Acknowledge. If zero, all interrupt and latched status registers are cleared and the
selected framers contribution to the IRQ pin output will be a high impedance state. If one, all
interrupt status registers and the selected framers contribution to the IRQ output will be normal
operation.
7CLKE
(0)
Clock Edge. If one then the NRZ data (RPOS/RNEG) is sampled on the rising edge of EXCLi and
transmitted on the falling edge of EXCLi. This selection is only applicable in NRZ mode.
6
THDB3
(0)
THDB3 (High Density Bipolar 3) Encoding. If zero, HDB3 encoding is enabled in the transmit
direction. If one, AMI (Alternate Mark Inversion) signal without HDB3 encoding is enabled in the
transmit direction.
5RxBFE
(0)
Receive Basic Frame Enable. If one, the RxBF pin operates normally. If zero, the RxBF pin is low.
4RxDO
(0)
Receive DSTo All Ones. If one, the DSTo pin operates normally. If zero, all timeslots (0-31) of
DSTo are set to one.
3RxCO
(0)
Receive CSTo All Ones. If one, the CSTo pin operates normally. If zero, all timeslots (0-31) of
CSTo are set to one.
2CSToE
(0)
Output CSTo Enable. If one, the CSTo pin operates normally. If zero, CSTo will be at high
impedance. In 8.192 Mbit/s mode all CSToE for all framers have to be 0 to obtain high impedance.
1DSToE
(0)
Output DSTo Enable. If one, the DSTo pin operates normally. If zero, DSTo will be at high
impedance.
0
MFSEL
(0)
Multiframe Select. This bit determines which receive multiframe signal (CRC-4 or signaling) the
frame pulse at the RxMF pin is aligned with. If zero, the frame pulse at the RxMF pin is aligned with
the receive channel associated signaling (CAS) multiframe; if one, the receive CRC-4 multiframe.
See Figures 55 & 58.
Bit
Name
Functional Description
Table 144 - Interrupts and I/O Control Register (R/W Address Y02) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com