Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 173 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 173 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 169Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 170Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 171Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 172Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 173Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 174Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 175Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 176Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 177Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 275 page
background image
MT9072
Data Sheet
173
Zarlink Semiconductor Inc.
3AUTC
(0)
Automatic CRC-interworking. If zero, automatic CRC-interworking is activated. If one, it is
deactivated. See Framing Algorithm section, Table 13 for details.
2CRCM
(0)
CRC-4 Modification. If one, the transmit CRC-4 remainder is modified when the device is in
transmit transparent mode (TxTRS=1 of register address Y03) in accordance with the local
datalink. The received CRC-4 remainder from the originating node is modified to reflect only the
changes in the local transmit DataLink. If zero, time-slot 0 data from DSTi will not be modified in
transmit transparent mode. This feature can used for intermediate nodes where 2 end nodes are
commmunicating for framing/signalling and 2 intermediate nodes are sending datalink information
in accordance with appendix C of G.706.
1AUTY
(0)
Automatic Y-Bit Operation. This bit determines the source for the Remote Multiframe Alarm
Indication bit (the Y bit) of the transmit PCM30 signal (time-slot 16 bit 6 of every frame 0 of the CAS
multiframe). If zero, the source for the Y bit is the Y bit of the Receive Alignment Signals Status
Register (address Y12), and consequently, will change automatically. That is, Y=0 when multiframe
alignment has been acquired (Y=0 of status register), and Y=1 when multiframe alignment has not
been acquired (Y=1 of status register).
If the AUTY bit is set to one, the Y bit is controlled through the Y bit of the CAS Control and Data
Register (address Y05).
0MFRF
(0)
Multiframe Reframe. If one, for at least one frame, and then cleared, the selected framer (Y) will
initiate a search for a new signalling multiframe position. Reframing function is activated on the
one-to-zero transition of the MFRF bit.
The signalling multiframe algorithm will align to the first multiframe alignment signal pattern (MFAS
= 0000) it receives in the most significant nibble of channel 16 (status register address Y10 bit
MSYNC is zero). Signalling multiframing will be lost when two consecutive multiframes are
received in error.
Bit
Name
Functional Description
15-14
#
not used.
13
L32Z
(0)
Digital Loss of Signal Selection. If one, the threshold for digital loss of signal is 32
successive zeros. If zero, the threshold is set to 192 successive zeros.
12
ADSEQ
(0)
Digital Milliwatt or Digital Test Sequence. If one, the A-law digital milliwatt analog test
sequence will be selected by the Per Timeslot Control bits TTSTn and RTSTn (register
address Y90 to YAF). If zero, the PRBS 215-1 bit error rate test sequence will be selected by
the Per Timeslot Control bits TTSTn and RTSTn. The PRBS generator is reset whenever this
bit is set to 1.
11
DLBK
(0)
Digital Loopback. If one, all timeslots of DSTi are connected to DSTo on the PCM30 side of
the selected framer (Y). If zero, this feature is disabled. See Loopbacks section.
10
RLBK
(0)
Remote Loopback. If one, all timeslots received on RPOS/RNEG are connected to
TPOS/TNEG on the PCM30 side of the selected framer (Y). If zero, this feature is disabled.
See Loopbacks section.
9SLBK
(0)
ST-BUS Loopback. If one, all timeslots of DSTi are connected to DSTo on the ST-BUS side
of the selected framer (Y). If zero, this feature is disabled. See Loopbacks section.
Table 143 - Test, Error and Loopback Control Register (R/W Address Y01) (E1)
Bit Name
Functional Description
Table 142 - Alarm and Framing Control Register Y00 (R/W Address Y00) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com