Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 171 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 171 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 167Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 168Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 169Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 170Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 171Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 172Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 173Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 174Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 175Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 275 page
background image
MT9072
Data Sheet
171
Zarlink Semiconductor Inc.
17.2.2.10
Receive National Bit Data Register(R/W) Address(YC0 to YC4) Summary
17.2.3
Master Control Registers (Y00 - Y09) Bit Functions
Tables 147 to 157 describe the bit functions of each of the Master Control Registers in the MT9072 in E1 Mode.
Each register is repeated for each of the 8 framers. Framer 0 is addressed with Y=0, Framer 1 with Y=1, Framer 2
with Y=2 and so on up to Framer 7 with Y=7 (where Y represents the 4 most significant address bits (MSB)
A11-A8). In addition, a simultaneous write to all 8 framers is possible by setting the MSB address to Y=8 (1000).
A (0), (1) or (#) in the “Name” column of these tables indicates the state of the data bits after a reset (RESET, RSTC
or RST). The (#) indicates that a (0) or (1) is possible.
Binary Address
(A10-A0)
Hex
Address
Register
Data Bits
(Upper byte B15 - B8 unused, B7 - B0 are shown)
yyyy 1111 1000
YC0
Receive National
Bits RN0 (Sa4)
RN0F1, RN0F3, RN0F5, RN0F7, RN0F9, RN0F11, RN0F13,
RN0F15
yyyy 1111 1001
YC1
Receive National
Bits RN1 (Sa5)
RN1F1, RN1F3, RN1F5, RN1F7, RN1F9, RN1F11, RN1F13,
RN1F15
yyyy 1111 1010
YC2
Receive National
Bits RN2 (Sa6)
RN2F1, RN2F3, RN2F5, RN2F7, RN2F9, RN2F11, RN2F13,
RN2F15
yyyy 1111 1011
YC3
Receive National
Bits RN3 (Sa7)
RN3F1, RN3F3, RN3F5, RN3F7, RN3F9, RN3F11, RN3F13,
RN3F15
yyyy 1111 0100
YC4
Receive National
Bits RN4 (Sa8)
RN4F1, RN4F3, RN4F5, RN4F7, RN4F9, RN4F11, RN4F13,
RN4F15
yyyy 1011 0101-
yyyy 1011 1111
YC5-YC
F
not used
not used
upper data byte (B15-8) is not used and may be any value if read
see the Register Group Address Summary for an explanation of yyyy and Y
Table 141 - Transmit National Bits Data Registers (R/W) Address (YFX) Summary (E1)
Bit Name
Functional Description
15
IMA
Inverse Mux for ATM Mode. Setting this bit high the I/O ports to allow for easy connection to one
of the Zarlink IMA devices such as the MT90220. DSTi becomes a serial 2.048 data stream. C4b
becomes a 4.096 MHz clock that clocks DSTi as the St-Bus. RXFPB becomes a framing pulse that
flags the E1 stream coming from the pin DSTo. The data from DSTo is clocked out on RXDLC. Set
this pin low for all other applications. Note that signalling operations CSTi/CSTo do not function
with the IMA Mode. The global control register 900 bit CK1 is ignored for this framer. 8.192 Mbit/s
backplane mode is not supported if IMA mode is selected on any one framer.
14
ASEL
(0)
AIS Select. This bit selects the criteria on which the detection of a valid alarm indication signal
(AIS=1 of register address Y11) is based. If zero, the criteria is fewer than three zeros in a two
frame period (512 bits). If one, the criteria is fewer than three zeros in each of two consecutive
double-frame periods (512 bits per double-frame).
Table 142 - Alarm and Framing Control Register Y00 (R/W Address Y00) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com