Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 167 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 167 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 163Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 164Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 165Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 166Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 167Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 168Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 169Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 170Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 171Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 275 page
background image
MT9072
Data Sheet
167
Zarlink Semiconductor Inc.
17.2.2.7
Receive CAS Data Registers Address (Y70-Y8F) Summary
yyyy 0110 1010 Y6A
Channel 25 Transmit CAS Data A25, B25, C25, D25
yyyy 0110 1011 Y6B
Channel 26 Transmit CAS Data A26, B26, C26, D26
yyyy 0110 1100 Y6C
Channel 27 Transmit CAS Data A27, B27, C27, D27
yyyy 0110 1101 Y6D
Channel 28 Transmit CAS Data A28, B28, C28, D28
yyyy 0110 1110 Y6E
Channel 29 Transmit CAS Data A29, B29, C29, D29
yyyy 0110 1111 Y6F
Channel 30 Transmit CAS Data A30, B30, C30, D30
upper data bits (B15-4) are not used and may be any value if read
see the Register Group Address Summary for an explanation of yyyy and Y
Note that this registers are useable if the corresponding MPST bits in the per timeslot control are set.
Binary Address
(A10-A0)
Hex
Address
Register
Data Bits
(Upper bits B15 - B4 unused, B3 - B0 are shown)
yyyy 0111 0000 Y70
not used
not used
yyyy 0111 0001 Y71
Channel 1 Receive CAS Data
A1, B1, C1, D1
yyyy 0111 0010 Y72
Channel 2 Receive CAS Data
A2, B2, C2, D2
yyyy 0111 0011 Y73
Channel 3 Receive CAS Data
A3, B3, C3, D3
yyyy 0111 0100 Y74
Channel 4 Receive CAS Data
A4, B4, C4, D4
yyyy 0111 0101 Y75
Channel 5 Receive CAS Data
A5, B5, C5, D5
yyyy 0111 0110 Y76
Channel 6 Receive CAS Data
A6, B6, C6, D6
yyyy 0111 0111 Y77
Channel 7 Receive CAS Data
A7, B7, C7, D7
yyyy 0111 1000 Y78
Channel 8 Receive CAS Data
A8, B8, C8, D8
yyyy 0111 1001 Y79
Channel 9 Receive CAS Data
A9, B9, C9, D9
yyyy 0111 1010 Y7A
Channel 10 Receive CAS Data A10, B10, C10, D10
yyyy 0111 1011 Y7B
Channel 11 Receive CAS Data A11, B11, C11, D11
yyyy 0111 1100 Y7C
Channel 12 Receive CAS Data A12, B12, C12, D12
yyyy 0111 1101 Y7D
Channel 13 Receive CAS Data A13, B13, C13, D13
yyyy 0111 1110 Y7E
Channel 14 Receive CAS Data A14, B14, C14, D14
yyyy 0111 1111
Y7F
Channel 15 Receive CAS Data A15, B15, C15, D15
yyyy 1000 0000 Y80
not used
not used
Table 138 - Receive CAS Data Register (R) Address (Y7X,Y8X) Summary (E1)
Binary Addres
(A10-A0)
Hex
Address
Register
Data Bits
(Upper bits B15 - B4 unused, B3 - B0 are shown)
Table 137 - Transmit CAS Data Register (R/W) Address (Y5X,Y6X) Summary (E1) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com