Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 166 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 166 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 162Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 163Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 164Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 165Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 166Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 167Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 168Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 169Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 170Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 275 page
background image
MT9072
Data Sheet
166
Zarlink Semiconductor Inc.
17.2.2.6
Transmit CAS Data Registers Address (Y50-Y6F) Summary
Binary Addres
(A10-A0)
Hex
Address
Register
Data Bits
(Upper bits B15 - B4 unused, B3 - B0 are shown)
yyyy 0101 0000 Y50
not used
not used
yyyy 0101 0001 Y51
Channel 1 Transmit CAS Data
A1, B1, C1, D1
yyyy 0101 0010 Y52
Channel 2 Transmit CAS Data
A2, B2, C2, D2
yyyy 0101 0011 Y53
Channel 3 Transmit CAS Data
A3, B3, C3, D3
yyyy 0101 0100 Y54
Channel 4 Transmit CAS Data
A4, B4, C4, D4
yyyy 0101 0101 Y55
Channel 5 Transmit CAS Data
A5, B5, C5, D5
yyyy 0101 0110 Y56
Channel 6 Transmit CAS Data
A6, B6, C6, D6
yyyy 0101 0111 Y57
Channel 7 Transmit CAS Data
A7, B7, C7, D7
yyyy 0101 1000 Y58
Channel 8 Transmit CAS Data
A8, B8, C8, D8
yyyy 0101 1001 Y59
Channel 9 Transmit CAS Data
A9, B9, C9, D9
yyyy 0101 1010 Y5A
Channel 10 Transmit CAS Data A10, B10, C10, D10
yyyy 0101 1011 Y5B
Channel 11 Transmit CAS Data A11, B11, C11, D11
yyyy 0101 1100 Y5C
Channel 12 Transmit CAS Data A12, B12, C12, D12
yyyy 0101 1101 Y5D
Channel 13 Transmit CAS Data A13, B13, C13, D13
yyyy 0101 1110 Y5E
Channel 14 Transmit CAS Data A14, B14, C14, D14
yyyy 0101 1111 Y5F
Channel 15 Transmit CAS Data A15, B15, C15, D15
yyyy 0110 0000 Y60
not used
not used
yyyy 0110 0001 Y61
Channel 16 Transmit CAS Data A16, B16, C16, D16
yyyy 0110 0010 Y62
Channel 17 Transmit CAS Data A17, B17, C17, D17
yyyy 0110 0011 Y63
Channel 18 Transmit CAS Data A18, B18, C18, D18
yyyy 0110 0100 Y64
Channel 19 Transmit CAS Data A19, B19, C19, D19
yyyy 0110 0101 Y65
Channel 20 Transmit CAS Data A20, B20, C20, D20
yyyy 0110 0110 Y66
Channel 21 Transmit CAS Data A21, B21, C21, D21
yyyy 0110 0111 Y67
Channel 22 Transmit CAS Data A22, B22, C22, D22
yyyy 0110 1000 Y68
Channel 23 Transmit CAS Data A23, B23, C23, D23
yyyy 0110 1001 Y69
Channel 24 Transmit CAS Data A24, B24, C24, D24
Table 137 - Transmit CAS Data Register (R/W) Address (Y5X,Y6X) Summary (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com