Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 170 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 170 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 166Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 167Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 168Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 169Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 170Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 171Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 172Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 173Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 174Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 275 page
background image
MT9072
Data Sheet
170
Zarlink Semiconductor Inc.
17.2.2.9
Transmit National Bit Data Register(R/W) Address(YB0 to YB4) Summary
yyyy 1010 1001
YA9
Timeslot 25 Control
RADI25,MPDT25,MPDR25,CASS25, TADI25, RTSL25,
LTSL25, TTST25, RRST25, MPDT25, #
yyyy 1010 1010
YAA
Timeslot 26 Control
RADI26,MPDT26,MPDR26,CASS26, TADI26, RTSL26,
LTSL26, TTST26, RRST26, MPDT26, #
yyyy 1010 1011
YAB
Timeslot 27 Control
RADI27,MPDT27,MPDR27,CASS27, TADI27, RTSL27,
LTSL27, TTST27, RRST27, MPDT27, #
yyyy 1010 1100
YAC
Timeslot 28 Control
RADI28,MPDT28,MPDR28,CASS28, TADI28, RTSL28,
LTSL28, TTST28, RRST28, MPDT28, #
yyyy 1010 1101
YAD
Timeslot 29 Control
RADI29,MPDT29,MPDR29,CASS29, TADI29, RTSL29,
LTSL29, TTST29, RRST29, MPDT29, #
yyyy 1010 1110
YAE
Timeslot 30 Control
RADI30,MPDT30,MPDR30,CASS30, TADI30, RTSL30,
LTSL30, TTST30, RRST30, MPDT30, #
yyyy 1010 1111
YAF
Timeslot 31 Control
RADI31,MPDT31,MPDR31,CASS31,TADI31, RTSL31,
LTSL31, TTST31, RRST31, MPDT31, #
upper data byte (B15-8) is not used and may be any value if read
# indicates the unused bits in the register that may be any value if read
see the Register Group Address Summary for an explanation of yyyy and Y
Binary Address
(A10-A0)
Hex
Address
Register
Data Bits
(Upper byte B15 - B8 unused, B7 - B0 are shown)
yyyy 1111 1000
YB0
Transmit National
Bits TN0 (Sa4)
TN0F1, TN0F3, TN0F5, TN0F7, TN0F9, TN0F11, TN0F13,
TN0F15
yyyy 1111 1001
YB1
Transmit National
Bits TN1 (Sa5)
TN1F1, TN1F3, TN1F5, TN1F7, TN1F9, TN1F11, TN1F13,
TN1F15
yyyy 1111 1010
YB2
Transmit National
Bits TN2 (Sa6)
TN2F1, TN2F3, TN2F5, TN2F7, TN2F9, TN2F11, TN2F13,
TN2F15
yyyy 1111 1011
YB3
Transmit National
Bits TN3 (Sa7)
TN3F1, TN3F3, TN3F5, TN3F7, TN3F9, TN3F11, TN3F13,
TN3F15
yyyy 1111 0100
YB4
Transmit National
Bits TN4 (Sa8)
TN4F1, TN4F3, TN4F5, TN4F7, TN4F9, TN4F11, TN4F13,
TN4F15
yyyy 1011 0101-
yyyy 1011 1111
YB5-YB
F
not used
not used
upper data byte (B15-8) is not used and may be any value if read
see the Register Group Address Summary for an explanation of yyyy and Y
Table 140 - Transmit National Bits Data Registers (R/W) Address (YFX) Summary (E1)
Binary Address
(A10-A0)
Hex
Address
Register
Control Bits
(Upper byte B15 - B8 unused, B8 - B0 are shown)
Table 139 - Timeslot 0-31 Control Register (R/W) Address (Y9X, YAX) Summary (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com