Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 172 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 172 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 168Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 169Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 170Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 171Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 172Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 173Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 174Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 175Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 176Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 275 page
background image
MT9072
Data Sheet
172
Zarlink Semiconductor Inc.
13
ARAI
(0)
Automatic Remote Alarm Indication (RAI) Operation. This bit determines the source for the
Remote Alarm Indication bit (the A bit) of the transmit PCM30 signal (time-slot 0 bit 3 of NFAS
frames). If zero, the source for the A bit is the RAI bit of the Timer and Alarm Status Register
(address Y11), and consequently, will change automatically. That is, A=0 when basic
synchronization has been acquired (RAI=0), and A=1 when basic synchronization has not been
acquired (RAI=1).
If the ARAI bit is set to one, the A bit is controlled through the TALM control bit (register address
Y00).
12
TALM
(0)
Transmit Remote Alarm. This bit is the source for the Remote Alarm Indication bit (the A bit) of
the transmit PCM30 signal (timeslot 0 bit 3 of NFAS frames) when the ARAI control bit (register
address Y00) is set to one. The TALM bit is used to signal an alarm to the remote end of the
PCM30 link (one - alarm, zero - normal).
11
TAIS
(0)
Transmit Alarm Indication Signal. If one, an all ones signal is transmitted in all timeslots except
zero and 16. If zero, timeslots function normally.
10
TAIS0
(0)
Transmit AIS Timeslot Zero. If one, an all ones signal is transmitted in timeslot zero. If zero,
timeslot zero functions normally.
9TAI16
(0)
Transmit AIS Timeslot 16. If one, an all ones signal is transmitted in timeslot 16. If zero, timeslot
functions normally.
8TE
(0)
Transmit E bits. If zero, and CRC-4 synchronization is achieved, the PCM30 link E-bits transmit
the received CRC-4 comparison results to the distant end of the link, as per G.703. If zero, and
CRC-4 synchronization is lost, the E-bits transmit zero. If one, and CRC-4 synchronization is lost
the transmit E-bits will be one.
7TIU0
(0)
Transmit International Use Zero. This bit is transmitted on the PCM30 2048 kb/s link in bit
position one of time-slot 0 of all the frame-alignment signal (FAS) frames when CRC-4 operation is
disabled (CSYN=1 of register address Y00). The TIU0 bit is reserved for international use and
should normally be kept at one. If CRC-4 operation is enabled (CSYN=0), this bit is ignored.
6TIU1
(1)
Transmit International Use One. This bit is transmitted on the PCM 30 2048 kb/s link in bit
position one of timeslot 0 of all the Non-Frame Alignment Signal (NFAS) frames when CRC-4
operation is disabled (CSYN=1 of register address Y00). The TIU1 bit is reserved for international
use and should normally be kept at one. If CRC-4 operation is enabled (CSYN=0), this bit is
ignored.
5CSYN
(0)
CRC-4 Synchronization. The CSYN bit in combination with AUTC determines the enabling or
disabling of the CRC functions for timeslot 0. If one and AUTC (register address Y00) is one the
first bits of time-slot 0 for the transmitter are used as international use bits and are programmed by
the TIU0 and TIU1bits (register address Y00). If AUTC is a zero, the CRC-4 calculated bits are
inserted in the FAS frames as shown in Table 12. Also if AUTC is a one, the CSYN has to be low
for the CRC-4 bits to be inserted in the FAS frames. The transmit transparent bit overides the
function of this bit for the transmitter. On the receiver side, if AUTC is 1 and CSYN is 0 then more
than 914 CRC errors in 1 second will cause a resynchronization and search for a basic frame
synchronization. If AUTC is a 1 and CSYN is 1 than CRC errors are ignored. If AUTC is a zero
than more than 914 CRC errors in 1 second will result in basic frame reframe.
4REFRM
(0)
Reframe. A one-to-zero transition of this bit results in the execution of the reframing function (the
search for a new basic frame position). The basic frame alignment pattern is x0011011 in timeslot
0 of alternate frames.
Bit Name
Functional Description
Table 142 - Alarm and Framing Control Register Y00 (R/W Address Y00) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com