Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 183 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 183 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 179Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 180Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 181Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 182Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 183Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 184Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 185Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 186Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 187Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 275 page
background image
MT9072
Data Sheet
183
Zarlink Semiconductor Inc.
2REB2
Receive E2 Bit Status. Indicates the status of the bit (E2) received on the PCM30 link in bit
position 1 of timeslot 0 in non-frame alignment signal (NFAS) frame 15. If zero, the remote end
calculated a CRC-4 error in its received sub-multiframe two. If one, no error was calculated.
1
RCRCR Remote CRC-4 and RAI. If one, the RAI (A) status bit (register address Y12 and Y13) is one,
and the REB1 (E1) and REB2 (E2) status bits (register address Y10) are zero. If zero, the
above requirement is not met.
0
CRCIW CRC-4 Interworking. If one, indicates the CRC-4 interworking status is CRC-4 to CRC-4 (local
to remote). The transmit PCM30 link is framed to CRC-4 with E1 and E2 bits sent, and the
receive PCM30 link is treated as CRC-4 with E1 and E2 bits received. If zero, indicates the
CRC-4 interworking status is CRC-4 to non-CRC (local to remote). In this case, the transmit
PCM30 link is framed to CRC-4 but the E1 and E2 bits are not sent, and the receive PCM30 link
is not treated as a CRC-4 multiframe but only as a basic frame and signaling multiframe frame
only.
Bit
Name
Functional Description
Table 153 - Synchronization & CRC-4 Remote Status (R Address Y10) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com