Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 192 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 192 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 188Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 189Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 190Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 191Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 192Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 193Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 194Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 195Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 196Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 275 page
background image
MT9072
Data Sheet
192
Zarlink Semiconductor Inc.
17.2.5
Latched Status Registers (Y2X) Bit Functions
Tables 173 to 181 describe the bit functions of each of the Latched Status Registers in the MT9072 in E1 mode.
Each register is repeated for each of the 8 framers. Framer 0 is addressed with Y=0, Framer 1 with Y=1, Framer 2
with Y=2 and so on up to Framer 7 with Y=7 (where Y represents the 4 most significant address bits (MSB)
A11-A8). All latched status registers will be reset in the inactive state upon reset.
Bit
Name
Functional Description
15-9
#######
not used.
8GAL
Go Ahead received Latch.Indicates a go-ahead pattern (01111111) was detected by the
HDLC receiver. This bit is reset after a read.
7EOPDL
End of Packet Data Latch.This bit is set when an end of packet (EOP) byte was written
into the RX FIFO by the HDLC receiver. This can be in the form of a flag, an abort
sequence or as an invalid packet. This bit is reset after a read.
6
TEOPL
Transmit End of Packet Latch.This bit is set when the transmitter has finished sending
the closing flag of a packet or after a packet has been aborted. This bit is reset after read.
5EOPRL
End of Packet received latch.This bit is set when the byte about to be read from the RX
FIFO is the last byte of the packet. It is also set if the Rx FIFO is read and there is no data
in it. This bit is reset after a read.
4TXFL
Transmit Fifo Low Latch.This bit is set when the Tx FIFO is emptied below the selected
low threshold level. This bit is reset after a read.
3FAL
Framer Abort Latch. This bit (FA) is set when a frame abort is received during packet
reception. It must be received after a minimum number of bits have been received (26)
otherwise it is ignored.
2
TXunder
Txunder Latch.This bit is set for a TX FIFO underrun indication. If high it Indicates that a
read by the transmitter was attempted on an empty Tx FIFO. This bit is reset after a read.
1RxffL
Receive Fifo Full Latch.This bit is set when the Rx FIFO is filled above the selected full
threshold level. This bit is reset after a read.
0RxOvfL
Receive Overflow Latch.Indicates that the 32 byte RX FIFO overflowed (i.e., an attempt
to write to a 32 byte full RX FIFO). The HDLC will always disable the receiver once the
receive overflow has been detected. The receiver will be re-enabled upon detection of the
next flag, but will overflow again unless the RX FIFO is read. This bit is reset after a read.
Table 168 - HDLC Status Latch(Y23) (E1)
Bit
Name
Functional Description
15
#
not used.
14
RCRCRL Remote CRC-4 and RAI Latch. When the RCRCR status bit (register address Y10) toggles
from zero to one, this status bit is latched to one. This bit is cleared when either this register,
or the interrupt status register (register address Y34) is read.
13
RSLPL
Receive Slip Latch. When the RSLP status bit (register address Y13) toggles from zero to
one, or from one to zero, this status bit is latched to one. This bit is cleared when either this
register, or the interrupt status register (register address Y34) is read.
Table 169 - Sync, CRC-4 Remote, Alarms, MAS and Phase Latched Status Register (Address Y24) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com