Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 196 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 196 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 192Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 193Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 194Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 195Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 196Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 197Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 198Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 199Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 200Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 275 page
background image
MT9072
Data Sheet
196
Zarlink Semiconductor Inc.
4
CASRL
Receive Channel Associated Signaling (CAS) Change Latch. When any of the receive
CAS (i.e., ABCD) bits in the Receive CAS Data Registers (address Y70-Y8F) change state,
this status bit is latched to one. This bit is set on a basic frame (FPi) basis. This bit is cleared
when either this register, or the corresponding interrupt status register (register address Y34)
is read.
3CALNL
CRC-4 Alignment 2 ms Timer Latch. When the CALN status bit (register address Y11)
toggles from zero to one, this status bit is latched to one. This bit is set on a 2 ms or CRC-4
multiframe frame basis. This bit is cleared when either this register, or the corresponding
interrupt status register (register address Y36) is read.
2T2L
Timer 2 Latch. When the CRC-4 T2 (10ms) status bit (register address Y11) toggles from
zero to one, this status bit is latched to one. This bit is set on a basic frame (FPi) basis. This
bit is cleared when either this register, or the corresponding interrupt status register (register
address Y36) is read.
1T1L
Timer 1 Latch. When the CRC-4 T1 (100ms) status bit (register address Y11) toggles from
zero to one, this status bit is latched to one. This bit is set on a basic frame (FPi) basis. This
bit is cleared when either this register, or the corresponding interrupt status register (register
address Y36) is read.
0
ONESECL One Second Timer Status Latch. When the ONESEC status bit (register address Y11)
toggles from zero to one, this status bit is latched to one. This bit is set on a basic frame (FPi)
basis. This bit is cleared when either this register, or the corresponding interrupt status
register (register address Y36) is read.
Bit
Name
Functional Description
15-4
#
not used.
3RAIP
Remote Alarm Indication Status Persistent Latch. When the RAI (A) status bit (register
address Y12 and Y13) toggles from zero to one, this status bit is latched to one. This bit is
cleared when this register is read while the RAI status bit is zero.
2AISP
Alarm Indication Status Signal Persistent. When the AIS status bit (register address
Y12) toggles from zero to one, this status bit is latched to one. This bit is cleared when this
register is read while the AIS status bit is zero.
1
LOSSP
Loss of Signal Status Indication Persistent Latch. When the LOSS status bit (register
address Y12) toggles from zero to one, this status bit is latched to one. This bit is cleared
when this register is read while the LOSS status bit is zero.
0
BSYNCP
Receive Basic Frame Alignment Persistent Latch. When the BSYNC status bit (register
address Y10) toggles from zero to one, this status bit is latched to one. This bit is cleared
when this register is read while the BSYNC status bit is zero.
Table 172 - Performance Persistent Latched Status Register (Address Y27) (E1)
Bit
Name
Functional Description
Table 171 - CAS, National, CRC-4 Local and Timer Latched Status Register (Address Y26) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com