Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 211 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 211 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 207Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 208Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 209Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 210Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 211Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 212Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 213Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 214Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 215Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 275 page
background image
MT9072
Data Sheet
211
Zarlink Semiconductor Inc.
17.2.9
Receive CAS (ABCD) Data Registers (Y71 - Y8F) Bit Functions
Table 191 describes the bit functions of each (30 registers in total, one register for each PCM 30 channel) of the
Receive CAS Data Registers in the MT9072. Each register is repeated for each of the 8 framers. Framer 0 is
addressed with Y=0, Framer 1 with Y=1, Framer 2 with Y=2 and so on up to Framer 7 with Y=7 (where Y represents
the 4 most significant address bits (MSB) A11-A8).
A (0), (1) or (#) in the “Name” column of these tables indicates the state of the data bits after a reset (RESET, RSTC
or RST). The (#) indicates that a (0) or (1) is possible.
17.2.10
Timeslot 0-31 Control Registers (Y90 - YAF) Bit Functions
Table 191 describes the bit functions of each (32 registers in total, one register for each timeslot) of the Timeslot
Control Registers in the MT9072. Each register is repeated for each of the 8 framers. Framer 0 is addressed with
Y=0, Framer 1 with Y=1, Framer 2 with Y=2 and so on up to Framer 7 with Y=7 (where Y represents the 4 most
significant address bits (MSB) A11-A8). In addition, a simultaneous write to all 8 framers is possible by setting the
MSB address to Y=8 (1000). Note that timeslots 0 to 15 are accommodated by addresses Y90 to Y9F respectively,
and timeslots 16 to 31 are accommodated by addresses YA0 to YAF respectively.
A (0), (1) or (#) in the “Name” column of these tables indicates the state of the data bits after a reset (RESET, RSTC
or RST). The (#) indicates that a (0) or (1) is possible.
Bit
Name
Functional Description
15-4
(#### #### ####)
not used.
3A(n)
(#)
Receive Channel Associated Signaling (CAS) Signaling Bits for Channel 1 to 30.
Bits for n=1 to 15 correspond to channel 1 to 15 and are received on the PCM30
link in timeslot 16 in bit positions one to four in frame n.
Bits for n=17 to 31 correspond to channel 16 to 30 and are received on the PCM30
link in timeslot 16 in bit positions five to eight in frame n -16.
2B(n)
(#)
1C(n)
(#)
0D(n)
(#)
For these functions to be valid, CAS mode must be selected (CSIG=0 register address Y03).
Table 186 - Channel n, Receive CAS Data Register (Address Y71-Y8F)
Bit
Name
Functional Description
15-10 (#### ####) not used.
9RADI(n)
(0)
Receive Alternate Digit Inversion. the data received on DSTo timeslot n from the
received PCM30 link timeslot n has every second bit inverted. If zero, this bit has no effect
on channel data.
8MPDR
(0)
Micro Port Data Receive. Setting this bit freezes the receive data for a given channel
After putting the freeze the data (Y09).
Table 187 - Timeslot (TS) n (n = 0 to 31) Control Register (Address Y90 (TS0) to YAF(TS31)) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com