Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 252 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 252 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 248Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 249Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 250Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 251Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 252Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 253Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 254Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 255Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 256Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 275 page
background image
MT9072
Data Sheet
252
Zarlink Semiconductor Inc.
Figure 43 - Receive Multiframe Functional Timing
Figure 44 - Receive Multiframe Timing
AC Electrical Characteristics - Receive MultiframeTiming with TX8KEn Reset
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
Receive Multiframe Output Delay
tMOD
55
ns
150 pF load on RxMF
Frame 0
Frame 12 or 24
Bit
1
Bit
0
Bit
7
Bit
6
Bit
5
Bit
2
Bit
1
Bit
0
Bit
7
Bit
6
Bit
5
Bit
2
Bit
1
Bit
0
Bit
7
Bit
6
Bit
5
Bit
2
FPi
(ST-BUS F0i or F16i)
CKi
(ST-BUS C4i or
C16i)
RxMF
(Output)
ST-BUS
Bit Cells
2Mb/s or 8Mb/s
CKi
(ST-BUS C2i)
Bit 7
Bit 0
VT
VT
VT
tMOD
tMOD
FPi
(ST-BUS F0i or F16i)
CKi
(ST-BUS C4i or
C16i)
RxMF
(Output)
ST-BUS
Bit Cells
2 Mb/s or 8 Mb/s
CKi
(ST-BUS C2i)
VT
Note: Tx8KEN is 0 RXMF shows the receive T1 multiframe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com