Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 249 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 249 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 245Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 246Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 247Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 248Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 249Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 250Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 251Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 252Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 253Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 275 page
background image
MT9072
Data Sheet
249
Zarlink Semiconductor Inc.
Figure 37 - ST-BUS 8.192 Mb/s Functional Timing Diagram for CSTo/CSTi CAS
Figure 38 - ST-BUS 8.192 Mb/s Functional Timing Diagram for CSTo/CSTi CCS
19.2
T1 Mode
AC Electrical Characteristics - IMA BackplaneTiming
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
C1.5i Clock Width High or Low
tC1.5W
295
324
353
ns
2
Frame Pulse Setup
tFPS
50
ns
3
Frame Pulse Hold
tFPH
50
ns
4
Serial Input Setup
tSIS
30
ns
5
Serial Input Hold
tSIH
50
ns
6
Clock output delay
tcod
50
ns
7
Serial Output Delay
tSOD
20
90
125
ns
150 pF load on CSTo and
DSTo
Timeslot 127
Bit 0
Channel
0
Channel
1
Channel
2
ST-BUS Bit Cells
8Mb/s
FPi
(ST-BUS F16i)
Channel
3
Chan 0
Data
Chan 1
Data
Chan 2
Data
Chan 0
Data
Chan 1
Data
Chan 2
Data
CSTi0
CSTo0
Note: In Cas only the lower nibble of the stream is used
Note: The ABCD bits are bit 3 to bit 0 respectively
Timeslot 127
Bit 0
Channel
0
Channel
1
Channel
2
ST-BUS Bit Cells
8Mb/s
FPi
(ST-BUS F16i)
Channel
3
Note: In CCS the complete Byte is used in accordance with CCS Map register Y07. Any 3 CSTi/CSTo channels are
CSTo0
CSTo0
CCS
Chan 0
CCS
Chan 1
CCS
Chan 0
CCS
Chan1
used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com