Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 247 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 247 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 243Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 244Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 245Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 246Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 247Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 248Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 249Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 250Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 251Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 275 page
background image
MT9072
Data Sheet
247
Zarlink Semiconductor Inc.
Figure 33 - ST-BUS 2.048 Mb/s Functional Timing Diagram
Figure 34 - ST-BUS 2.048 Mb/s Timing
AC Electrical Characteristics - ST-BUS 2.048 Mb/s Timing (T1 and E1)
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1C2i Clock Width High or Low
tC2W
222
244
266
ns
2C4i Clock Width High or Low
tC4W
100
122
144
ns
3
Frame Pulse Setup
tFPS
50
ns
4
Frame Pulse Hold
tFPH
50
ns
6
Serial Input Setup
tSIS
30
ns
7
Serial Input Hold
tSIH
50
ns
8
Serial Output Delay
tSOD
90
125
ns
150 pF load on CSTo and
DSTo
Timeslot 31
Bit 0
Timeslot 0
Bit 7
Timeslot 0
Bit 6
Timeslot 0
Bit 5
CKi
(ST-BUS C4i)
FPi
(ST-BUS F0i)
CKi
(ST-BUS C2i)
ST-BUS
Bit Cells
2Mb/s
MT9072
Outputs Data
MT9072
Inputs Data
MT9072
Inputs Data
MT9072
Outputs Data
Timeslot 0
Bit 7
Timeslot 31
Bit 0
VT
VT
tSIH
tSIS
VT
tFPS
tFPH
tSOD
tC4W
tC4W
VT
CKi
(ST-BUS C4i)
FPi
(ST-BUS F0i)
ST-BUS
Bit Cells
2Mb/s
CSTi & DSTi
(Inputs)
(With C4i Clock)
CSTo & DSTo
(Outputs)
tC2W
tC2W
CKi
(ST-BUS C2i)
VT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com