Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 244 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 244 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 240Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 241Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 242Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 243Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 244Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 245Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 246Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 247Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 248Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 275 page
background image
MT9072
Data Sheet
244
Zarlink Semiconductor Inc.
Figure 29 - Intel Microprocessor Timing
AC Electrical Characteristics - JTAG Port Timing
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
TCK period width
tTCLK
100
ns
BSDL spec’s 12 MHz
2
TCK period width LOW
tTCLKL
40
ns
3
TCK period width HIGH
tTCLKH
40
ns
TDI setup time to TCK rising
tDISU
12
TDI hold time after TCK rising
tDIH
12
TMS setup time to TCK rising
tMSSU
12
TMS hold time after TCK rising
tMSH
12
TDO delay from TCK falling
tDOD
50
TRST pulse width
tTRST
25
MT9072
Outputs Data
tCSS
tADS
tCSH
tADH
tDSW
tDHR
tDDR
tDHW
tRDH
tRDL
tDAZ
tCYC
VT
VT
VT
VT
VT
MT9072
Inputs Address
tADS
tADH
tWRH
tWRH
tCYC
tCSS
RD (DS)
CS
WR (R/W)
A0-10
D0-15
READ
VT
MT9072
Inputs Data
D0-D15
WRITE
tDSW
tDSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com