Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 241 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 241 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 237Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 238Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 239Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 240Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 241Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 242Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 243Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 244Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 245Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 275 page
background image
MT9072
Data Sheet
241
Zarlink Semiconductor Inc.
19.0
AC/DC Electrical Characteristics
19.1
General
* Voltages are with respect to ground (VSS) unless otherwise stated.
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
† Characteristics are for clocked operation over the ranges of recommended operating temperature and supply voltage.
‡Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*
Parameter
Symbol
Min.
Max.
Units
1
Supply Voltage
VDD
-0.3
5.5
V
2
Voltage at Digital Inputs
VI
-0.3
VDD + 0.3
V
3
Current at Digital Inputs
II
30
mA
4
Voltage at Digital Outputs
VO
-0.3
VDD + 0.3
V
5
Current at Digital Outputs
IO
30
mA
6
Storage Temperature
TST
-65
150
°C
Recommended Operating Conditions* - Voltages are with respect to ground (VSS) unless otherwise stated
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
Operating Temperature
TOP
-40
25
85
°C
2
Supply Voltage
VDD
3.0
3.3
3.6
V
DC Electrical Characteristics† - Voltages are with respect to ground (VSS) unless otherwise stated
Characteristics
Sym.
Min.
Typ.‡
Max.
Units
Test Conditions
1
Supply Current
IDD
30
mA
Outputs unloaded.
Transmitting an all 1’s
signal.
2
Input High Voltage (Digital Inputs)
VIH
2.0
VDD
V
3
Input Low Voltage (Digital Inputs)
VIL
00.8
V
4
Input Leakage (Digital Inputs)
IIL
110
µAV
I = 0 to V
DD
5
Output High Voltage (Digital
Outputs)
VOH
2.4
VDD
VIOH = 7 mA @ VOH = 2.4 V
6
Output High Current (Digital
Outputs)
IOH
7
mA
Source VOH=2.4 V
7
Output Low Voltage (Digital Outputs)
VOL
VSS
0.4
V
IOL = 2 mA @ VOL = 0.4 V
8
Output Low Current (Digital Outputs)
IOL
2mA
Sink VOL = 0.4 V
9
High Impedance Leakage (Digital
I/O)
IOZ
110
µAV
O = 0 to V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com