Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 243 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 243 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 239Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 240Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 241Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 242Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 243Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 244Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 245Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 246Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 247Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 275 page
background image
MT9072
Data Sheet
243
Zarlink Semiconductor Inc.
Figure 28 - Motorola Microprocessor Timing
‡Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Note 1. High impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL.
AC Electrical Characteristics - Intel Microprocessor Timing*
Characteristics
Sym.
Min.
Typ.‡
Max.
Units
Test Conditions
1RD low
tRDL
115
ns
2RD High
tRDH
50
ns
3CS Setup
tCSS
0ns
4CS Hold
tCSH
0ns
5WR low
tWRL
70
ns
6WR High
tWRH
50
ns
7
Address Setup
tADS
15
ns
8
Address Hold
tADH
40
ns
9
Data Delay Read
tDDR
100
ns
CL = 150 pF, RL = 1 kΩ.
10
Data Hold Read
tDHR
5ns
CL = 150 pF, RL = 1 kΩ
11
Data Active to High Z Delay
tDAZ
50
ns
CL = 150 pF, RL = 1 kΩ, Note
1
12
Data Setup Write
tDSW
15
ns
13
Data Hold Write
tDHW
25
ns
14
Cycle Time
tCYC
165
MT9072
Outputs Data
tCSS
tRWS
tADS
tCSH
tRWH
tADH
tDHR
tDDR
tDSH
tDSL
tDAZ
Note: DS and CS may be connected together.
tCYC
VT
VT
VT
VT
VT
T
MT9072
Inputs Address
DS (RD)
CS
R/W (WR)
A0-10
D0-15
READ
V
MT9072
InputsData
D0-15
WRITE
tDSW
tDSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com