Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 257 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 257 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 253Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 254Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 255Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 256Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 257Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 258Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 259Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 260Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 261Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 275 page
background image
MT9072
Data Sheet
257
Zarlink Semiconductor Inc.
Figure 52 - PCM24 Transmit Functional Timing
AC Electrical Characteristics - PCM24 Receive Timing
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
Receive Setup
tRS
50
ns
2
Receive Hold
tRH
50
ns
(0)
(1)
(1)
(1)
TPOS (Output)
(RZ Dual Rail)
TNEG (Output)
(RZ Dual Rail)
PCM24Transmit
Bit Cells (2 Mb/s)
(Sample Data)
TXCL
(1.544 MHz Transmit
Clock Input,clke=0)
TPOS (Output)
(NRZ Dual Rail)
TNEG (Output)
(NRZ Dual Rail)
TPOS (Output)
(NRZ Single Rail)
TNEG (Output)
(NRZ Dual Rail)
TPOS (Output)
(RZ Single Rail)
TNEG (Output)
(RZ Single Rail)
TXCL
(1.544 MHz Transmit
Clock Input,clke=1
Only valid in NRZ
Note: CLKE =1 is only valid in NRZ Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com