Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 259 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 259 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 255Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 256Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 257Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 258Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 259Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 260Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 261Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 262Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 263Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 275 page
background image
MT9072
Data Sheet
259
Zarlink Semiconductor Inc.
19.2.1
AC Electrical Characteristics - PCM24 and ST-BUS Frame Format
In both the transmit and receive directions, PCM24 LSB maps to ST-BUS LSB.
Figure 55 - PCM 24 Format
Figure 56 - ST-BUS Format
‡Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Note 1. High impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge
CL.
FRAME
15
0
14
15
0
timeslot
01
30
31
Most
Significant
Bit (First)
Least
Significant
Bit (Last)
BIT
12
3
4
56
7
8
FRAME
FRAME
FRAME
FRAME
timeslot
timeslot
timeslot
BIT
BIT
BIT
BIT
BIT
BIT
BIT
2.0 ms
(8/2.048)
µs
125
µs
•• •• •• ••
•• ••
CHANNEL
31 or 127
0
30 or 126
BIT
CHANNEL
CHANNEL
CHANNEL
CHANNEL
31 or 127
0
BIT
BIT
BIT
BIT
BIT
BIT
BIT
• • •
Least
Significant
Bit (Last)
Most
Significant
Bit (First)
125
µs
76
5
4
3
2
1
0
(8/2.048 or 8/8.192)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com