Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 3 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 3 Page - Micronas

  MAS3587F Datasheet HTML 1Page - Micronas MAS3587F Datasheet HTML 2Page - Micronas MAS3587F Datasheet HTML 3Page - Micronas MAS3587F Datasheet HTML 4Page - Micronas MAS3587F Datasheet HTML 5Page - Micronas MAS3587F Datasheet HTML 6Page - Micronas MAS3587F Datasheet HTML 7Page - Micronas MAS3587F Datasheet HTML 8Page - Micronas MAS3587F Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
Contents, continued
Page
Section
Title
ADVANCE INFORMATION
MAS 3587F
Micronas
3
17
3.
I2C Interface
17
3.1.
General
17
3.1.1.
Device Address
17
3.1.2.
I2C Registers and Subaddresses
18
3.1.3.
Naming Convention
19
3.2.
Direct Configuration Registers
19
3.2.1.
Write Direct Configuration Registers
19
3.2.2.
Read Direct Configuration Register
24
3.3.
DSP Core
24
3.3.1.
Access Protocol
25
3.3.1.1.
Run and Freeze
25
3.3.1.2.
Read Register (Code Ahex)
26
3.3.1.3.
Write Register (Code Bhex)
26
3.3.1.4.
Read D0 Memory (Code Chex)
27
3.3.1.5.
Short Read D0 Memory (Code C4hex)
27
3.3.1.6.
Read D1 Memory (Code Dhex)
28
3.3.1.7.
Short Read D1 Memory (Code D4hex)
28
3.3.1.8.
Write D0 Memory (Code Ehex)
29
3.3.1.9.
Short Write D0 Memory (Code E4hex)
29
3.3.1.10.
Write D1 Memory (Code Fhex)
29
3.3.1.11.
Short Write D1 Memory (Code F4hex)
30
3.3.1.12.
Clear SYNC Signal (Code 5hex)
30
3.3.1.13.
Default Read
31
3.3.1.14.
Fast Program Download
31
3.3.1.15.
Serial Program Download
32
3.3.2.
List of DSP Registers
32
3.3.3.
List of DSP Memory Cells
32
3.3.3.1.
Application Select and Running
32
3.3.3.2.
Application Specific Control
40
3.3.4.
Ancillary Data
41
3.3.5.
DSP Volume Control
42
3.4.
Audio Codec Access Protocol
42
3.4.1.
Write Codec Register
42
3.4.2.
Read Codec Register
43
3.4.3.
Codec Registers
49
3.4.4.
Basic MDB Configuration
50
4.
Specifications
50
4.1.
Outline Dimensions
50
4.2.
Pin Connections and Short Descriptions
53
4.3.
Pin Descriptions
53
4.3.1.
Power Supply Pins
53
4.3.2.
Analog Reference Pins
53
4.3.3.
DC/DC Converters and Battery Voltage Supervision
53
4.3.4.
Oscillator Pins and Clocking
53
4.3.5.
Control Lines
53
4.3.6.
Parallel Interface Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com