Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 36 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 36 Page - Micronas

Back Button MAS3587F Datasheet HTML 32Page - Micronas MAS3587F Datasheet HTML 33Page - Micronas MAS3587F Datasheet HTML 34Page - Micronas MAS3587F Datasheet HTML 35Page - Micronas MAS3587F Datasheet HTML 36Page - Micronas MAS3587F Datasheet HTML 37Page - Micronas MAS3587F Datasheet HTML 38Page - Micronas MAS3587F Datasheet HTML 39Page - Micronas MAS3587F Datasheet HTML 40Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
36
Micronas
D0:7f1
(continued)
Main I/O Control, continued
bit[1]
Decoder:
0 (reset)
DEMAND MODE (PLL off, MAS 3587F is clock
master)
1
BROADCAST MODE (PLL on, clock of MAS 3587F
locks on data stream)
Encoder: SDI Word Strobe Invert
0 (reset)
do not invert
1
invert incoming word strobe signal
Note: L/R channel swap is present today with the reset value. Correct value
for encoder is “1”. Correct default channel setting will be implemented in future
versions.
bit[0]
Validate
0 (reset)
changes in control memory will be ignored
1
changes in control memory will become effective
Bit[0] is reset after the DSP has recognized the changes. The controller
should set this bit after the other D0 control memory cells have been initialized
with the desired values.
D0:7f2
Interface Status Control (reset = 05hex)
All
This control cell allows to enable/disable the data I/O interfaces. In addition,
the clock of the output data interfaces, S/PDIF and SDO, can be set to a low-
impedance mode.
bit[6]
S/PDIF input selection
0 (reset)
select S/PDIF input 1
1
select S/PDIF input 2
bit[5]
Enable/disable S/PDIF output
0 (reset)
enable S/PDIF output
1
S/PDIF output off (tristate)
Note that S/PDIF audio output is only available for MPEG 1 (sampling fre-
quencies 32, 44.1 and 48 kHz)
bit[4]
Reserved, must be set to zero
bit[3]
Enable/disable serial data output SDO
0SDO on
1 (reset)
SDO off
bit[2]
Output clock characteristic (SDO and S/PDIF outputs)
0
low impedance
1 (reset)
high impedance
bit[1]
reserved, must be set to zero
bit[0]
Enable/disable external serial data input SDI
0
use external audio source (SDI)
1 (reset)
use internal A/D converter as audio source
Both digital outputs, S/PDIF and SPO, and the D/A converters may use the
outgoing audio independent of each other.
Changes at this memory address must be validated by setting bit [0] of D0:7f1.
InterfaceControl
Table 3–7: D0 Control Memory Cells
Memory
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com