Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 22 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 22 Page - Micronas

Back Button MAS3587F Datasheet HTML 18Page - Micronas MAS3587F Datasheet HTML 19Page - Micronas MAS3587F Datasheet HTML 20Page - Micronas MAS3587F Datasheet HTML 21Page - Micronas MAS3587F Datasheet HTML 22Page - Micronas MAS3587F Datasheet HTML 23Page - Micronas MAS3587F Datasheet HTML 24Page - Micronas MAS3587F Datasheet HTML 25Page - Micronas MAS3587F Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
22
Micronas
76
(continued)
DC/DC Converter 1
bit[7]
PUP1: Voltage monitor 1 flag (readback)
bit[6:3]
Voltage between VSENS1 and DCSG1 (see table above)
bit[2]
Mode
1
Pulse frequency modulation (PFM)
0
Pulse width modulation (PWM) (reset)
bit[1]
reserved, must be set to zero
bit[0]
Disable synchronized rectifier
1
disable synchronized recitifier
0
enable synchronized recitifier (reset)
Note, that the reference voltage for DC/DC converter 1 is derived from the
main reference source supplied via pin AVDD1. Therefore, if this DC/DC con-
verter is used, its output must be connected to the analog supply.
The DC/DC converters are up-converters only. Thus, if the battery voltage is
higher than the selected nominal voltage, the output voltage will exceed the
nominal voltage.
Table 3–3: Direct Configuration Registers
I2C Sub-
address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com