Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 52 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 52 Page - Micronas

Back Button MAS3587F Datasheet HTML 48Page - Micronas MAS3587F Datasheet HTML 49Page - Micronas MAS3587F Datasheet HTML 50Page - Micronas MAS3587F Datasheet HTML 51Page - Micronas MAS3587F Datasheet HTML 52Page - Micronas MAS3587F Datasheet HTML 53Page - Micronas MAS3587F Datasheet HTML 54Page - Micronas MAS3587F Datasheet HTML 55Page - Micronas MAS3587F Datasheet HTML 56Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
52
Micronas
43
SOI
OUT
LV
Serial output frame identification
44
SOC
OUT
LV
Serial output clock
45
SID
IN
VSS
Serial input data, interface A
46
SII
IN
VSS
Serial input frame identification, inter-
face A
47
SIC
IN
VSS
Serial input clock, interface A
48
SPDO
OUT
LV
S/PDIF output interface
49
SIBD
IN
VSS
Serial input data, interface B
50
SIBC
IN
VSS
Serial input clock, interface B
51
SIBI
IN
VSS
Serial input frame identification, inter-
face B
52
SPDI2
IN
LV
Active differential S/PDIF input 2
53
SPDI1
IN
LV
Active differential S/PDIF input 1
54
SPDIR
IN
LV
Reference differential S/PDIF input 1
and 2
55
FILTL
IN
X
Feedback input for left amplifier
56
AVDD0
SUPPLY
X
Analog supply for output amplifiers
57
OUTL
OUT
LV
Left analog output
58
OUTR
OUT
LV
Right analog output
59
AVSS0
SUPPLY
X
Analog ground for output amplifiers
60
FILTR
IN
X
Feedback for right output amplifier
61
AVSS1
SUPPLY
X
Analog ground
62
VREF
X
Analog reference ground
63
PVDD
SUPPLY
X
Internal power supply
64
AVDD1
SUPPLY
X
Analog Supply
Pin No.
PLQFP
64-pin
Pin Name
Type
Default
Connection
(if not used)
Short Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com