Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 58 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 58 Page - Micronas

Back Button MAS3587F Datasheet HTML 54Page - Micronas MAS3587F Datasheet HTML 55Page - Micronas MAS3587F Datasheet HTML 56Page - Micronas MAS3587F Datasheet HTML 57Page - Micronas MAS3587F Datasheet HTML 58Page - Micronas MAS3587F Datasheet HTML 59Page - Micronas MAS3587F Datasheet HTML 60Page - Micronas MAS3587F Datasheet HTML 61Page - Micronas MAS3587F Datasheet HTML 62Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
58
Micronas
4.6. Electrical Characteristics
4.6.1. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in
the “Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute
maximum ratings conditions for extended periods may affect device reliability.
Symbol
Parameter
Pin Name
Min.
Max.
Unit
TA
Ambient operating temperature
−40
85
°C
TS
Storage Temperature
−40
125
°C
PTOT
Power dissipation
VDD, XVDD,
AVDD0/1,
I2CVDD
650
mW
VSUPA
Analog supply voltages1)
AVDD0/1
−0.3
6
V
VSUP
Digital supply voltage
VDD, XVDD,
I2CVDD
−0.3
6
V
VII2C
Input voltage, I2C-Pins
I2CC,
I2CD
−0.3
6
V
VIdig
Input voltage, all digital inputs
−0.3
VSUP +0.3
V
IIdig
Input current, all digital inputs
−20
+20
mA
VIana
Input voltage, all analog inputs
−0.3
VSUP + 0.3
V
IIana
Input current, all analog inputs
−5+5
mA
IOaudio
Output current, audio output2)
OUTL/R
−0.2
0.2
A
IOdig
Output current, all digital outputs3)
−50
+50
mA
IOdcdc1
Output current DCDC converter 1
DCSO1
1.5
A
IOdcdc2
Output current DCDC converter 2
DCSO2
1.5
A
1) Both AVDD0 and AVDD1 have to be connected together!
2) These pins are not short-circuit proof!
3) Total chip power dissipation must not exceed absolute maximum rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com