Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 46 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 46 Page - Micronas

Back Button MAS3587F Datasheet HTML 42Page - Micronas MAS3587F Datasheet HTML 43Page - Micronas MAS3587F Datasheet HTML 44Page - Micronas MAS3587F Datasheet HTML 45Page - Micronas MAS3587F Datasheet HTML 46Page - Micronas MAS3587F Datasheet HTML 47Page - Micronas MAS3587F Datasheet HTML 48Page - Micronas MAS3587F Datasheet HTML 49Page - Micronas MAS3587F Datasheet HTML 50Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
46
Micronas
Micronas Dynamic Bass (MDB)
00 22
MDB Effect Strength
bit[15:8]
00hex
MDB off (default)
7Fhex
maximum MDB
The MDB effect strength can be adjusted in 1dB steps. A value of 40hex will
yield a medium MDB effect.
MDB_STR
00 23
MDB Harmonics
bit[15:8]
00hex
no harmonics are added (default)
64hex
50% fundamentals + 50% harmonics
7Fhex
100% harmonics
The MDB exploits the psychoacoustic phenomenon of the ‘missing fundamen-
tal by creating harmonics of the frequencies below the center frequency of the
bandpass filter (MDB_FC). This enables a loudspeaker to display frequencies
that are below its cutoff frequency. The Variable MDB_HAR describes the ratio
of the harmonics towards the original signal.
MDB_HAR
00 24
MDB Center Frequency
bit[15:8]
2
20 Hz
330 Hz
...
30
300 Hz
The MDB Center Frequency defines the center frequency of the MDB band-
pass filter (see Fig. 3–4 on page 49). The center frequency should approxi-
mately match the cutoff frequency of the loudspeakers. For high end
loudspeakers, this frequency is around 50 Hz, for low end speakers around
90 Hz
MDB_FC
00 21
MDB Shape
bit[15:8]
5...30
corner frequency in 10-Hz steps
(range: 50...300 Hz)
With a second lowpass filter the steepness of the falling slope of the MDB
bandpass can be increased (see Fig. 3–4 on page 49). Choosing the corner
frequency of this filter close to the center frequency of the bandpass filter
(MDB_FC) results in a narrow MDB frequency range. The smaller this range,
the harder the bass sounds. The recommended value is around
1.5
× MDB_FC
MDB_SHAPE
MDB Switch
bit[7:2]
reserved, must be set to zero
bit[1]
MDB switch
0MDB off
1MDB on
bit [0]
reserved, must be set to zero
MDB_SWITCH
Table 3–12: Codec control registers on I2C subaddress 6Chex
Register
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com