Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 13 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 13 Page - Micronas

Back Button MAS3587F Datasheet HTML 9Page - Micronas MAS3587F Datasheet HTML 10Page - Micronas MAS3587F Datasheet HTML 11Page - Micronas MAS3587F Datasheet HTML 12Page - Micronas MAS3587F Datasheet HTML 13Page - Micronas MAS3587F Datasheet HTML 14Page - Micronas MAS3587F Datasheet HTML 15Page - Micronas MAS3587F Datasheet HTML 16Page - Micronas MAS3587F Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
13
2.9.3. Power Supply Configurations
One of the following supply configurations may be
used:
– Configuration 1: DC/DC 1 (e.g. 2.7 V) supplies con-
troller, flash and MAS 3587F audio parts, DC/DC 2
generates e.g. 2.5 V/3.5 V for the MAS 3587F DSP
(see Fig. 2–8).
– Configuration 2: All components are powered by an
external source, no DC/DC converter is used (see
Fig. 2–9).
If DC/DC converter 1 is used, it must supply the analog
circuits (pins AVDD0, AVDD1) of the MAS 3587F.
If the DC/DC converters are not used, pin DCEN must
be connected to VSS, DCSOx must be left vacant.
2.10. Battery Voltage Supervision
A battery voltage supervision circuit (at pin VBAT) is
provided which is independent of the DC/DC convert-
ers. It can be programmed to supervise one or two bat-
tery cells. The voltage is measured by subsequently
setting a series of voltage thresholds and checking the
respective comparison result in register 77hex (see
Table 3–3 on page 20).
Fig. 2–8: Configuration1: DC/DC-Converter supply
Fig. 2–9: Configuration2: External power supply
Flash
µC
DSP
VSENS1
AVDD0/1
VSENS2
XVDD
VDD
I2CVDD
DC/DC1
I2C
DC/DC2
Analog
Parts
e.g. 3.5 V
e.g. 2.7 V
on
on
/2.5 V
Flash
µC
DSP
VSENS1
AVDD0/1
VSENS2
VDD
XVDD
I2CVDD
DC/DC1
I2C
DC/DC2
Analog
Parts
External
Supply
e.g. 3.5 V/
off
off
2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com