Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 38 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 38 Page - Micronas

Back Button MAS3587F Datasheet HTML 34Page - Micronas MAS3587F Datasheet HTML 35Page - Micronas MAS3587F Datasheet HTML 36Page - Micronas MAS3587F Datasheet HTML 37Page - Micronas MAS3587F Datasheet HTML 38Page - Micronas MAS3587F Datasheet HTML 39Page - Micronas MAS3587F Datasheet HTML 40Page - Micronas MAS3587F Datasheet HTML 41Page - Micronas MAS3587F Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
38
Micronas
Table 3–8: D0 Status Memory Cells
Memory
Address
Function
Name
D0:FD0
MPEG Frame Counter
All
bit[19:0]
number of MPEG frames after synchronization
The counter will be incremented with every new frame that is encoded/
decoded. With an invalid MPEG bit stream at its input while decoding (e.g. an
invalid header is detected), the MAS 3587F resets the MPEGFrameCount to
‘0’. In encoding mode, the counter is reset on audio data timeouts and after
restarting the encoder.
MPEGFrameCount
D0:FD1
MPEG Header and Status Information
All
bit[15]
reserved, must be set to zero
bit[14:13]
MPEG ID, Bits 12, 11 of the MPEG header
00
MPEG 2.5 (decoding only)
01
reserved
10
MPEG 2
11
MPEG 1
bit[12:11]
Bits 14 and 13 of the MPEG header
00
reserved
01
Layer 3
10
Layer 2 (decoding only)
11
Layer 1 (decoding only)
bit[10]
CRC Protection
0
bitstream protected by CRC
1
bitstream not protected by CRC
bit[9:2]
Reserved
bit[1]
CRC error (decoding only)
0
no CRC error
1
CRC error
bit[0]
Invalid frame (decoding only)
0
no invalid frame
1
invalid frame
This location contains bits 15...11 of the original MPEG header and other sta-
tus bits. It will be set each frame directly after the header has been encoded/
decoded from the bit stream.
MPEGStatus1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com