Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 54 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 54 Page - Micronas

Back Button MAS3587F Datasheet HTML 50Page - Micronas MAS3587F Datasheet HTML 51Page - Micronas MAS3587F Datasheet HTML 52Page - Micronas MAS3587F Datasheet HTML 53Page - Micronas MAS3587F Datasheet HTML 54Page - Micronas MAS3587F Datasheet HTML 55Page - Micronas MAS3587F Datasheet HTML 56Page - Micronas MAS3587F Datasheet HTML 57Page - Micronas MAS3587F Datasheet HTML 58Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
54
Micronas
4.3.6.1. PIO Handshake Lines
PCS
IN
The PIO chip select PCS must be set to ‘0’ to activate
the PIO in operation mode.
PR
IN
Pin PR must be set to ‘1’ when ready to send/receive
data to/from MAS 3587F PIO pins.
PRTR
OUT
Ready
to
read.
This
signal
indicates
that
the
MAS 3587F is able to receive data in PIO input mode.
PRTW
OUT
Ready to write. This pin indicates that MAS 3587F has
data available in PIO output mode.
EOD
OUT
EOD indicates the end of an DMA cycle in the IC’s PIO
input/output mode. In ’serial’ input mode it is used as
Demand signal, that indicates that new input data are
required.
4.3.7. Serial Input Interface (SDI)
SID
DATA
IN
SII
WORD STROBE
IN
SIC
CLOCK
IN
I2S compatible serial interface A for digital audio data.
This interface can be used for audio input in the
encoder.
4.3.8. Serial Input Interface B (SDIB)
SIBD
DATA
IN
SIBI
WORD STROBE
IN
SIBC
CLOCK
IN
The serial interface B is used as bitstream input inter-
face. The SIBI line must be connected to VSS in the
serial decoder application.
4.3.9. Serial Output Interface (SDO)
SOD
DATA
OUT
SOI
WORD STROBE
OUT
SOC
CLOCK
IN/OUT
Data, Frame Indication, and Clock line of the serial out-
put interface. The SDO is reconfigurable and can be
adapted to several I2S compliant modes.
4.3.10. S/PDIF Input Interface
SPDI1
IN
SPDI2
IN
SPDIR
IN
SPDIF1 and SPDIF2 are alternative input pins for
S/PDIF sources according to the IEC 958 consumer
specification. A switch at D0:7f2 selects one of these
pins at a time. The SPDIR pin is a common reference
for both input lines (see Fig. 4–31 on page 80).
4.3.11. S/PDIF Output Interface
SPDO
OUT
The SPDO pin provides an digital output with standard
CMOS level that is compliant to the IEC 958 consumer
specification.
4.3.12. Analog Input Interfaces
The analog inputs are used in the standard MPEG
encoding DSP firmware. They can also be selected as
a source for the D/A converters (refer to audio codec
register 00 07hex (see Table 3–12 on page 43)).
MICIN
IN
MICBI
IN
The MICIN input may be directly used as electret
microphone input, which should be connected as
described in application information. The MICBI signal
provides the supply voltage for these microphones.
INL
IN
INR
IN
INL and INR are analog line-in input lines. They are
connected to the embedded stereo A/D converter of
the MAS 3587F. The sources should be AC coupled.
The reference ground for these analog input pins is the
VREF pin.
4.3.13. Analog Output Interfaces
OUTL
OUT
OUTR
OUT
OUTL and OUTR are left and right analog outputs, that
may be directly connected to built-in 16
Ω loudspeak-
ers via 22
Ω series resistance to the headphones as
described in the application information (see Fig. 4–30
on page 79).
FILTL
IN
FILTR
IN
Connection to input terminal of output amplifier.Can be
used to connect a capacitance from OUTL respectively
OUTR to FILTL respectively FILTR in parallel to feed-
back resistor and thus implement a low pass filter to
reduce the out-of-band noise of the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com