Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 31 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 31 Page - Micronas

Back Button MAS3587F Datasheet HTML 27Page - Micronas MAS3587F Datasheet HTML 28Page - Micronas MAS3587F Datasheet HTML 29Page - Micronas MAS3587F Datasheet HTML 30Page - Micronas MAS3587F Datasheet HTML 31Page - Micronas MAS3587F Datasheet HTML 32Page - Micronas MAS3587F Datasheet HTML 33Page - Micronas MAS3587F Datasheet HTML 34Page - Micronas MAS3587F Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
31
3.3.1.14. Fast Program Download
The Fast Program Download command introduces a data transfer via the parallel port. n = n2,n1,n0 denotes the
number of 20-bit data words to be transferred, a = a3,a2,a1,a0 gives the start address. The data at the PIO port
must be padded with three 0-nibbles to get multiples of 16 bits.
The download must be initiated in the following sequence:
– Issue Freeze command
– Stop all DMA transfers
– Issue Fast Program Download command
– Download code via PIO interface
– Switch appropriate memory area to act as program RAM (register EDhex)
– Issue Run command to start program execution at entry point of downloaded code
Example for Fast Program Download command:
Download 4 words starting at D0:1400:
(stop all data transfers)
<DW 68 00 00>
)UHH]H
<DW 68 60 04
initiate download of 4 words
10 00>
start at address D0:1000
Now transfer 8-bit words via the parallel PIO port:
0,0
0,d4
d3,d2
d1,d0
0,0
0,d4
d3,d2
d1,d0
0,0
0,d4
d3,d2
d1,d0
0,0
0,d4
d3,d2
d1,d0
<DW 68 be d0 00 03>
reconfigure memory from
D0:1000 to D0:17ff
<DW 68 10 00>
start program execution at
address D0:1000
3.3.1.15. Serial Program Download
Program downloads may also be performed via the I2C interface by using the Write D0/1 Memory commands. A sim-
ilar command sequence as in the Fast Program Download (stop transfers, Freeze...) applies.
S
DW
A
W
$69
A
W
6,n2
AW
P
A
n1,n0
a3,a2
AW
A
a1,a0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com