Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 71 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 71 Page - Micronas

Back Button MAS3587F Datasheet HTML 67Page - Micronas MAS3587F Datasheet HTML 68Page - Micronas MAS3587F Datasheet HTML 69Page - Micronas MAS3587F Datasheet HTML 70Page - Micronas MAS3587F Datasheet HTML 71Page - Micronas MAS3587F Datasheet HTML 72Page - Micronas MAS3587F Datasheet HTML 73Page - Micronas MAS3587F Datasheet HTML 74Page - Micronas MAS3587F Datasheet HTML 75Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
ADVANCE INFORMATION
MAS 3587F
Micronas
71
4.6.3.7. PIO as Parallel Output Interface:
DMA Mode
In encoding mode, the MAS 3587F signals available
data by setting the EOD pin to ”high”. After verifying
this, the controller signalizes its capability to receive
one byte of data by activating the PR line. The
MAS 3587F responds by setting the RTW line to the
“low” level when the actual byte is set on the data lines
PI[19:12]. After PR is set to “low” level, the RTW line is
set to “high” again. The next data word write operation
will be initialized again by setting the PR line via the
controller. Please refer to Fig. 4–27 on page 71 for the
exact timing.
The procedure above will be repeated until the
MAS 3587F sets the EOD signal to “0” which indicates
that the transfer of one data block has been executed.
Subsequently, the controller should set PR to “0”, wait
until EOD rises again and then repeat the procedure to
receive the next block of data. The DMA buffer is
15 bytes long.
The buffer size is subject to change in the next version.
In order to transfer the worst case data rate of
192 kbit/s, the controller must react sufficiently fast.
The mean response times (t0, t3, t5) must be faster
than
10 ms.
Due
to
internal
buffering
in
the
MAS 3587F, this time can be expanded up to 4.8 ms
once within each frame (see Table 2–2 on page 15) in
any case.
Fig. 4–27: Handshake protocol for reading MPEG data from the PIO-DMA
Table 4–5: PIO output mode timing
Symbol
Pin
Min.
Max.
Unit
t0
EOD, PR
0.010
2000
µs
t1
PR, PI
110
310
ns
t2
PI, RTW
18
55
ns
t3
RTW, PR
18
ns
t4
PR, RTW
90
260
ns
t5
RTW, PR
35
ns
teod
tbd
tbd
ns
teodq
2.5
ns
EOD
PR
RTW
PI[19:12]
high
low
high
low
high
low
high
low
t0
t3
t2
teodq
teod
Byte 15
Byte 1
t4
t5
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com