Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 48 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 48 Page - Micronas

Back Button MAS3587F Datasheet HTML 44Page - Micronas MAS3587F Datasheet HTML 45Page - Micronas MAS3587F Datasheet HTML 46Page - Micronas MAS3587F Datasheet HTML 47Page - Micronas MAS3587F Datasheet HTML 48Page - Micronas MAS3587F Datasheet HTML 49Page - Micronas MAS3587F Datasheet HTML 50Page - Micronas MAS3587F Datasheet HTML 51Page - Micronas MAS3587F Datasheet HTML 52Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
48
Micronas
Table 3–13: Codec status registers on I2C subaddress 6Dhex
Register
Address
(hex)
Function
Name
INPUT QUASI-PEAK
00 0A
A/D Converter Quasi-Peak Detector Readout Left
bit[14:0]
positive 15-bit value, linear scale
0000
0%
2000
25% (
−12 dBFS)
4000
50% (
−6dBFS)
7FFF
100% (0 dBFS)
QPEAK_L
00 0B
A/D Converter Quasi-Peak Detector Readout Right
bit[14:0]
positive 15-bit value, linear scale
0000
0%
2000
25% (
−12 dBFS)
4000
50% (
−6dBFS)
7FFF
100% (0 dBFS)
QPEAK_R
OUTPUT QUASI-PEAK
00 0C
Audio Processing Input Quasi-Peak Detector Readout Left
bit[14:0]
positive 15-bit value, linear scale
DQPEAK_L
00 0D
Audio Processing Input Quasi-Peak Detector Readout Right
bit[14:0]
positive 15-bit value, linear scale
DQPEAK_R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com