Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 32 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 32 Page - Micronas

Back Button MAS3587F Datasheet HTML 28Page - Micronas MAS3587F Datasheet HTML 29Page - Micronas MAS3587F Datasheet HTML 30Page - Micronas MAS3587F Datasheet HTML 31Page - Micronas MAS3587F Datasheet HTML 32Page - Micronas MAS3587F Datasheet HTML 33Page - Micronas MAS3587F Datasheet HTML 34Page - Micronas MAS3587F Datasheet HTML 35Page - Micronas MAS3587F Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
32
Micronas
3.3.2. List of DSP Registers
Table 3–5 lists the registers used in the standard firmware (MPEG) and for the download option (Download).
Note: Registers not given in the tables must not be written.
3.3.3. List of DSP Memory Cells
Among the user interface control memory cells there
are some which have a global meaning and some
which control application specific parts of the DSP
core. In the tables below this is reflected by the key-
words All, Encoder and Decoder.
3.3.3.1. Application Select and Running
The AppSelect cell is a global user interface configura-
tion cell, which has to be written in order to start a spe-
cific application.
The AppRunning cell is a global user interface status
cell, which indicates, which application loop is actually
running.
The meaning of the bits in both cells is given in Table
3–6.
Following steps have to be performed to switch
between applications:
– write “0” to AppSelect
– check AppRunning for “0”
– apply necessary/wanted Control settings
– write value to AppSelect according to Table 3–6
3.3.3.2. Application Specific Control
The configuration of the MPEG Encoder and Decoder
firmware is done via the control memory cells
described in Table 3–7. The changes applied to any of
the control memory cells have to be validated by set-
ting bit[0] of memory cell Main I/O Control except when
the application is started by writing the AppSelect
memory cell. The validate bit will be reset automati-
cally after the changes have been taken over by the
DSP.
The status memory cells are used to read the encoder/
decoder status and to get additional MPEG bitstream
information.
Note: Memory cells not given in the tables must not be
written.
Table 3–5: DSP Register Table
Address
(hex)
R/W
FunctionMode
Default
(hex)
Name
6B
R/W
Configuration of Variable RAM Areas
Download
Affected RAM area
bit[19]
D0:800 ... D0:BFF
bit[18]
D0:C00 ... D0:FFF
bit[17]
D1:800 ... D1:BFF
bit[16]
D1:C00 ... D1:FFF
This register is used to switch four RAM areas from data
to program usage and thus enabling the DSP’s program
counter to access downloaded program code stored at
these locations. For normal operation (firmware in ROM)
this register must be kept to zero.
For details of program code download please refer to
Section 3.3.1.14.
0000
PSelect_Shadow
56
R
S/PDIF1) Input Channel Status Bits
MPEG
bit[15:0]
channel status bits of incoming signal.
0000
SPIChannelStatus
1) IEC 958 Amendment1, “Digital Audio Interface”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com