Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3587F Datasheet(PDF) 44 Page - Micronas

Part # MAS3587F
Description  Audio Encoder/Decoder
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3587F Datasheet(HTML) 44 Page - Micronas

Back Button MAS3587F Datasheet HTML 40Page - Micronas MAS3587F Datasheet HTML 41Page - Micronas MAS3587F Datasheet HTML 42Page - Micronas MAS3587F Datasheet HTML 43Page - Micronas MAS3587F Datasheet HTML 44Page - Micronas MAS3587F Datasheet HTML 45Page - Micronas MAS3587F Datasheet HTML 46Page - Micronas MAS3587F Datasheet HTML 47Page - Micronas MAS3587F Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
MAS 3587F
ADVANCE INFORMATION
44
Micronas
OUTPUT MODE SELECT
00 06
00 07
D/A Converter Source Mixer
MIX ADC scale
MIX DSP scale
bit[15:8]
00hex ... 7Fhex Linear scaling factor (hex)
for example:
00hex
off
20hex
50 % (
−6dB gain)
40hex
100 % (0 dB gain)
7Fhex
200% (+6dB gain)
In the sum of both mixing inputs exceeds 100 %, clipping may occur in the
successive audio processing.
DAC_IN_ADC
DAC_IN_DSP
00 0E
D/A Converter Output Mode
bit[15]
Mono switch
0
stereo through
1
mono matrix applied
bit[14]
Invert right channel
0
through
1
right channel is inverted
bit[1:0]
Reserved, must be set to 0
In order to achieve more output power a single loudspeaker can be connected
as a bridge between pins OUTL and OUTR. In this mode bit[15] and bit[14]
must be set.
DAC_OUT_MODE
BASEBAND FEATURES
00 14
Bass
bit[15:8]
Bass range
60hex
+12 dB
58hex
+11 dB
...
08hex
+1dB
00hex
0dB
F8hex
−1dB
...
A8hex
−11 dB
A0hex
−12 dB
Higher resolution is possible, one LSB step results in a gain step of about
1/8 dB.
With positive bass settings clipping of the output signal may occur. Therefore,
it is not recommended to set bass to a value that, in conjunction with volume,
would result in an overall positive gain.
The settings require: max (bass, treble) + loudness + volume
≤ 0dB
bit[7:0]
Not used, must be set to 0
BASS
Table 3–12: Codec control registers on I2C subaddress 6Chex
Register
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com